Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1279CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1279CSW
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1279CSW Datasheet HTML 6Page - Linear Technology LTC1279CSW Datasheet HTML 7Page - Linear Technology LTC1279CSW Datasheet HTML 8Page - Linear Technology LTC1279CSW Datasheet HTML 9Page - Linear Technology LTC1279CSW Datasheet HTML 10Page - Linear Technology LTC1279CSW Datasheet HTML 11Page - Linear Technology LTC1279CSW Datasheet HTML 12Page - Linear Technology LTC1279CSW Datasheet HTML 13Page - Linear Technology LTC1279CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1279
APPLICATIONS INFORMATION
THD = 20log
√V
2
2 + V32 + V42 ... + VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics. THD versus input fre-
quency is shown in Figure 4. The LTC1279 has good
distortion performance up to the Nyquist frequency and
beyond.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at sum and difference
frequencies of mfa
± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa + fb) and
(fa – fb) while the 3rd order IMD terms include (2fa + fb),
(2fa – fb), (fa + 2fb), and (fa – 2fb). If the two input sine
waves are equal in magnitude, the value (in decibels) of
the 2nd order IMD products can be expressed by the
following formula:
IMD (fa ± fb) = 20log
Amplitude at (fa ± fb)
Amplitude at fa
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
1279 G06
2M
THD
2ND HARMONIC
3RD HARMONIC
fSAMPLE = 600kHz
Figure 4. Distortion vs Input Frequency
Figure 5 shows the IMD performance at a 100kHz input.
Figure 5. Intermodulation Distortion Plot
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibels relative to the RMS value of
a full scale input signal.
Full Power and Full Linear Bandwidth
The full power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is re-
duced by 3dB for a full scale input signal.
The full linear bandwidth is the input frequency at which
the S/(N + D) has dropped to 68dB (11 effective bits). The
LTC1279 has been designed to optimize input bandwidth,
allowing ADC to undersample input signals with frequen-
cies above the converter’s Nyquist Frequency. The noise
floor stays very low at high frequencies; S/(N + D) be-
comes dominated by distortion at frequencies far beyond
Nyquist.
Driving the Analog Input
The LTC1279’s analog input is easy to drive. It draws only
one small current spike while charging the sample-and-
hold capacitor at the end of conversion. During conversion
the analog input draws no current. The only requirement
is that the amplifier driving the analog input must settle
after the small current spike before the next conversion
starts. Any op amp that settles in 160ns to small current
transients will allow maximum speed operation. If slower
FREQUENCY (kHz)
0
50
100
150
200
1279 G08
250
300
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fSAMPLE = 600kHz
fa = 94.189kHz
fb = 97.705kHz
(fb – fa)
(2fa – fb)
(2fa)
(2fb)
(3fa)
(2fb – fa)
(fa) (fb)
(fa + fb) (2fa + fb)
(fa + 2fb)
(3fb)


Similar Part No. - LTC1279CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1279 LINER-LTC1279 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1279CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410_15 Datasheet
163Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com