Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-16RIA100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-16RIA100
Description  Medium Power Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-16RIA100 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-16RIA100 Datasheet HTML 1Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 2Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 3Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 4Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 5Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 6Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 7Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 8Page - Vishay Siliconix VS-16RIA100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VS-16RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
4
Document Number: 93695
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
16RIA Series
R
(DC) = 1.15 K/W
thJC
50
60
70
80
90
100
110
120
130
0
10
203040
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
16RIA Series
R
(DC) = 1.15 K/W
thJC
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
4 K
/W
3 K
/W
2
K/W
10 K/W
7 K/W
5 K
/W
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
16RIA Series
T = 125°C
J
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
4 K
/W
3
K/W
2
K/W
10 K/W
7K
/W
5 K
/W
0
5
10
15
20
25
30
35
40
45
0
4
8
1216202428
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
16RIA Series
T = 125°C
J


Similar Part No. - VS-16RIA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-16RIA VISHAY-VS-16RIA Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
More results

Similar Description - VS-16RIA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-22RIA10 VISHAY-VS-22RIA10 Datasheet
198Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10_15 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com