Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLDH660-70-3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLDH660-70-3
Description  red diode laser module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLDH660-70-3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLDH660-70-3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLDH660-70-3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
RLDH660-70-3
v 1.0 25.02.2015
Description
RLDH660 series of Diode Laser Modules has been designed with emphasis on superior beam quality,
and reliable operation. The modules body is made of black anodized aluminum, enclosing laser diode,
lens, and driving electronics. RLH660 series features a focusable glass lens optic with a locking
mechanism. The supply voltage is specified with 3 VDC.
Specifications
Parameter
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
660
nm
Optical Output Power
70
mW
Laser Class
3B
Operating Voltage
DC 3
V
Operating Current
120
mA
Control
APC
Standard Operating Distance
10
m
Focus
Adjustable
Beam Character
Elliptical
Elliptic Proportion
1:2.5
Output Aperture
Ø5
mm
Divergence
1.5
mrad
Optic
Glass lens, both sides AR coated
Operating Temperature
-10
+40
°C
Storage Temperature
-40
+80
°C
Life Time
8000
hours
Material
black anodized aluminum
Electrical Connection
connector plug
Dimension (Dia. x W)
Ø22 x 65
mm
Weight
60
g


Similar Part No. - RLDH660-70-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDH660-40-3 ROITHNER-RLDH660-40-3 Datasheet
101Kb / 1P
   main technical parameters
More results

Similar Description - RLDH660-70-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-650-02-C3 ROITHNER-APCD-650-02-C3 Datasheet
121Kb / 2P
   Red diode laser module
VLM650-11-LPA ROITHNER-VLM650-11-LPA Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-01-C2 ROITHNER-APCD-650-01-C2 Datasheet
125Kb / 2P
   Red diode laser module
APCD-650-07-C3 ROITHNER-APCD-650-07-C3 Datasheet
132Kb / 2P
   Red diode laser module
VLM650-03-LPT ROITHNER-VLM650-03-LPT Datasheet
106Kb / 2P
   Red diode laser module
VLM650-06-LPA ROITHNER-VLM650-06-LPA Datasheet
103Kb / 2P
   Red diode laser module
VLM650-07-LPA ROITHNER-VLM650-07-LPA Datasheet
103Kb / 2P
   Red diode laser module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com