Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C3V3 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX85C3V3
Description  5% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C3V3 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX85C3V3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C3V3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C3V3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C3V3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Small Signal Product
assumes no responsibility or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1408015
Version: F14
BZX85C3V3 thru BZX85C56
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - BZX85C3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C3V3 VISHAY-BZX85C3V3 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
BZX85C3V3 SEMTECH_ELEC-BZX85C3V3 Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
SHENZHEN YONGERJIA INDU...
BZX85C3V3 WINNERJOIN-BZX85C3V3 Datasheet
512Kb / 4P
   Zener diode
logo
Fairchild Semiconductor
BZX85C3V3 FAIRCHILD-BZX85C3V3 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3 Datasheet
544Kb / 4P
   1.3 Watts Zener Diode
More results

Similar Description - BZX85C3V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com