Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1287CC Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1287CC
Description  3V Single Chip 12-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287CC Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1287CC Datasheet HTML 4Page - Linear Technology LTC1287CC Datasheet HTML 5Page - Linear Technology LTC1287CC Datasheet HTML 6Page - Linear Technology LTC1287CC Datasheet HTML 7Page - Linear Technology LTC1287CC Datasheet HTML 8Page - Linear Technology LTC1287CC Datasheet HTML 9Page - Linear Technology LTC1287CC Datasheet HTML 10Page - Linear Technology LTC1287CC Datasheet HTML 11Page - Linear Technology LTC1287CC Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1287
S
APPLICATI
I FOR ATIO
specified at 3.3V. The output DOUT is also compatible with
the above standards. The following summarizes such
levels.
VOH (no load)
VCC – 0.1V
VOL (no load)
0.1V
VOH
0.9
× VCC
VOL
0.1
× VCC
VIH
0.7
× VCC
VIL
0.2
× VCC
The LTC1287 can be driven with 5V logic even when VCC
is at 3.3V. This is due to a unique input protection device
that is found on the LTC1287.
Microprocessor Interfaces
The LTC1287 can interface directly (without external hard-
ware) to most popular microprocessor (MPU) synchro-
nous serial formats. If an MPU without a serial interface is
used, then three of the MPU’s parallel port lines can be
programmed to form the serial link to the LTC1287. Many
of the popular MPUs can operate with 3V supplies. For
example the MC68HC11 is an MPU with a serial format
(SPI). Likewise parallel MPUs that have the 8051 type
architecture are also capable of operating at this voltage
range. The code for these processors remains the same
and can be found in the LTC1292 data sheet.
Sharing the Serial Interface
The LTC1287 can share the same two-wire serial interface
with other peripheral components or other LTC1287s
(Figure 2). In this case, the CS signals decide which
LTC1287 is being addressed by the MPU.
Figure 2. Several LTC1287s Sharing One 2-Wire Serial Interface
Figure 3. Example Ground Plane for the LTC1287
LTC1287
2 CHANNELS
2 CHANNELS
2 CHANNELS
CS
CS
CS
2
2
2
2
2-WIRE SERIAL
INTERFACE TO OTHER
PERIPHERALS OR LTC1287s
2
10
OUTPUT PORT
SERIAL DATA
MPU
LTC1287 F02
LTC1287
LTC1287
ANALOG CONSIDERATIONS
Grounding
The LTC1287 should be used with an analog ground plane
and single point grounding techniques. Do not use wire
wrapping techniques to breadboard and evaluate the device.
To achieve the optimum performance use a PC board. The
ground pin (Pin 4) should be tied directly to the ground
plane with minimum lead length (a low profile socket is
fine). Pin 7 (VCC) should be bypassed to the ground plane
with a 22
µF (minimum value) tantalum with leads as short
as possible and as close as possible to the pin. A 0.1
µF
ceramic disk also should be placed in parallel with the
22
µFandagainwithleadsasshortaspossibleandasclose
to VCC as possible. Figure 3 shows an example of an ideal
LTC1287 ground plane design for a two-sided board. Of
course this much ground plane will not always be possible,
but users should strive to get as close to this ideal as
possible.
Bypassing
For good performance, VCC must be free of noise and
ripple. Any changes in the VCC voltage with respect to
ground during a conversion cycle can induce errors or
noise in the output code. VCC noise and ripple can be kept
below 0.5mV by bypassing the VCC pin directly to the
analog plane with a minimum of 22
µF tantalum capacitor
and with leads as short as possible. The lead from the
device to the VCC supply also should be kept to a minimum
and the VCC supply should have a low output impedance
1
2
3
4
5
6
7
8
LTC1287
22
µF TANTALUM
VCC
LTC1287 F03/DB
0.1
µF


Similar Part No. - LTC1287CC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287CCJ8 LINER-LTC1287CCJ8 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287CCN8 LINER-LTC1287CCN8 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1287CC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287 LINER-LTC1287_1 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com