Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1287CC Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1287CC
Description  3V Single Chip 12-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287CC Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1287CC Datasheet HTML 7Page - Linear Technology LTC1287CC Datasheet HTML 8Page - Linear Technology LTC1287CC Datasheet HTML 9Page - Linear Technology LTC1287CC Datasheet HTML 10Page - Linear Technology LTC1287CC Datasheet HTML 11Page - Linear Technology LTC1287CC Datasheet HTML 12Page - Linear Technology LTC1287CC Datasheet HTML 13Page - Linear Technology LTC1287CC Datasheet HTML 14Page - Linear Technology LTC1287CC Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1287
11
DOUT
CLK
B11
HI-Z
B10
LTC1287 F8c
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tWHCS
tSMPL
(+) INPUT MUST SETTLE DURING THIS TIME
(+) INPUT
(–) INPUT
S
APPLICATI
I FOR ATIO
Figure 9. Adequate Settling of Op Amp Driving Analog Input
(see Figures 8a, 8b and 8c). Again the “+” and “–” input
sampling times can be extended as described above to
accommodate slower op amps. For single supply low
voltage application the LT1006, LT1013 and LT1014 can
be made to settle well even with the minimum settling
windows of 6
µs (“+” input) and 2µs (“–” input) which
occur at the maximum clock rates (CLK = 500kHz).
Figures 9 and 10 show examples of adequate and poor op
amp settling. The LT1077, LT1078 or LT1079 can be used
here to reduce power consumption. Placing an RC network
at the output of the op amps will inprove the settling
response and also reduce the broadband noise.
effectively “held” by the sample and hold and will not affect
the conversion result. It is critical that the “–” input voltage
be free of noise and settle completely during the first CLK
cycle of the conversion. Minimizing RSOURCE– and C2 will
improve settling time. If large “–” input source resistance
must be used the time can be extended by using a slower
CLK frequency. At the maximum CLK frequency of 500kHz,
RSOURCE– < 200and C2 < 20pF will provide adequate
settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settles within the allowed time
HORIZONTAL: 500ns/DIV
Figure 8c. Setup Time (tSUCS) is Not Met
HORIZONTAL: 20
µs/DIV
Figure 10. Poor Op Amp Settling Can Cause A/D Errors


Similar Part No. - LTC1287CC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287CCJ8 LINER-LTC1287CCJ8 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287CCN8 LINER-LTC1287CCN8 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1287CC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287 LINER-LTC1287_1 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com