Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1314CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1314CS
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1314CS Datasheet HTML 4Page - Linear Technology LTC1314CS Datasheet HTML 5Page - Linear Technology LTC1314CS Datasheet HTML 6Page - Linear Technology LTC1314CS Datasheet HTML 7Page - Linear Technology LTC1314CS Datasheet HTML 8Page - Linear Technology LTC1314CS Datasheet HTML 9Page - Linear Technology LTC1314CS Datasheet HTML 10Page - Linear Technology LTC1314CS Datasheet HTML 11Page - Linear Technology LTC1314CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1314/LTC1315
TYPICAL APPLICATIONS N
Dual Slot Interfae to “365” Type Controller
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
+
AVPPIN
BVPPIN
COUT
BSHDN
ASHDN
3.3V OR 5V
VDD
VDD
AVPPOUT
VPP1
VPP2
VCC
LTC1315
5V
12V
PCMCIA
CARD SLOT
CONTROLLER
AEN0
AEN1
AVCC0
AVCC1
ADRV5
AVCCIN
ADRV3
GND
5V
3.3V
PCMCIA
CARD SLOT
#1
+
1
µF
0.1
µF
STEP-UP
REGULATOR
LT1301
VIN
VOUT
SHDN
BVPP OUT
VPP1
VPP2
VCC
LTC1315 • TA01
BEN0
BEN1
BVCC0
BVCC1
BDRV5
BVCCIN
BDRV3
5V
3.3V
PCMCIA
CARD SLOT
#2
+
1
µF
0.1
µF
EN0
EN1
VCC0
VCC1
VPPOUT
DRV3
DRV5
0
0
X
X
GND
X
X
01
X
X
VCCIN
XX
1
0
X
X
VPPIN
XX
1
1
X
X
Hi-Z
X
X
XX
1
0
X
1
0
XX
0
1
X
0
1
XX
0
0
X
0
0
XX
1
1
X
0
0
X = DON’T CARE
LTC1315 Truth Table
Typical PCMCIA Dual Slot Driver
VPPIN
VDD
GND
5V
12V
AVPPOUT
VPP1
VPP2
VCC
LTC1315
“365” TYPE
CONTROLLER
AEN0
AEN1
BEN0
BEN1
A_VPP_EN0
A_VPP_EN1
B_VPP_EN0
B_VPP_EN1
AVCC1
AVCC0
BVCC1
BVCC0
NOTE: “365” TYPE CONTROLLERS
HAVE ACTIVE-HIGH VCC DRIVE
A_VCC_EN0
A_VCC_EN1
B_VCC_EN0
B_VCC_EN1
AVCCIN
ADRV3
ADRV5
5V
3.3V
PCMCIA
CARD SLOT
#1
1/2 Si9956DY
Si9956DY
BVPPOUT
VPP1
VPP2
VCC
LTC1315 • TA03
BVCCIN
BDRV3
BDRV5
5V
3.3V
PCMCIA
CARD SLOT
#2
1/2 Si9956DY
Si9956DY
+
1
µF
0.1
µF
+
1
µF
0.1
µF


Similar Part No. - LTC1314CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1314 LINER-LTC1314 Datasheet
246Kb / 12P
   PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
LTC1314 LINER-LTC1314_15 Datasheet
246Kb / 12P
   PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
More results

Similar Description - LTC1314CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1314 LINER-LTC1314_15 Datasheet
246Kb / 12P
   PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com