Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY55B20 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55B20
Description  2% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55B20 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZY55B20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55B20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55B20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZY55B20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZY55B20 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZY55B2V4) to 36V (BZY55B36)
Note 3: Whole series with green compound
PART NO.
BZY55B36
BZY55B36
Min
Max
Min
Max
A
1.80
2.20
0.071
0.087
B
1.05
1.45
0.041
0.057
C
0.25
0.65
0.010
0.026
D
0.75
0.95
0.030
0.037
A
B
C
D
Document Number: DS_S1408016
Version: B14
0.055
1.20
0.047
3.40
0.134
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BZY55B36-C0 RYG
C0
RY
G
Green compound
1.10
0.043
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BZY55B36 RYG
RY
G
Green compound
0805
5K / 7" Reel
RB
10K / 13" Reel
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
BZY55B2V4 thru BZY55B36
Taiwan Semiconductor
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
BZY55Bxxx
(Note1, 3)
(Note 2)
RY
G
1.40


Similar Part No. - BZY55B20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55B20 TSC-BZY55B20 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
More results

Similar Description - BZY55B20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com