Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1291DMJ8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1291DMJ8
Description  Single Chip 12-Bit Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291DMJ8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1291DMJ8 Datasheet HTML 1Page - Linear Technology LTC1291DMJ8 Datasheet HTML 2Page - Linear Technology LTC1291DMJ8 Datasheet HTML 3Page - Linear Technology LTC1291DMJ8 Datasheet HTML 4Page - Linear Technology LTC1291DMJ8 Datasheet HTML 5Page - Linear Technology LTC1291DMJ8 Datasheet HTML 6Page - Linear Technology LTC1291DMJ8 Datasheet HTML 7Page - Linear Technology LTC1291DMJ8 Datasheet HTML 8Page - Linear Technology LTC1291DMJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1291
Supply Current vs Supply Voltage
Supply Current vs Temperature
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Change in Gain vs Temperature
Change in Offset vs Supply
Voltage
SUPPLY VOLTAGE (V)
4
4
6
6
1291 G01
2
0
5
10
8
CLK = 1MHz
TA = 25°C
AMBIENT TEMPERATURE (°C)
–50
7
8
9
30
70
1291 G02
6
5
–30 –10
50
90 110
4
3
10
10
130
CLK = 1MHz
VCC = 5V
Change in Linearity vs Supply
Voltage
Change in Gain Error vs Supply
Voltage
Change in Offset vs Temperature
Change in Linearity vs
Temperature
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
1291 G07
0.1
0.4
0.3
–25
25
100
125
VCC = 5V
CLK = 1MHz
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
1291 G08
0.1
0.4
0.3
–25
25
100
125
VCC = 5V
CLK = 1MHz
Minimum Clock Rate for
0.1 LSB Error
AMBIENT TEMPERATURE (°C)
–50
0.15
0.20
0.25
50
1291 G09
0.10
0.05
–25
0
25
75
125
100
VCC = 5V
* AS THE CLK FREQUENCY IS DECREASED FROM 1MHz, MINIMUM CLK FREQUENCY (
∆ERROR ≤ 0.1LSB) REPRESENTS THE
FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY CODE TRANSITION FROM ITS 1MHz VALUE IS FIRST DETECTED.
SUPPLY VOLTAGE (V)
4.0
0.1
0.3
0.4
6.0
1291 G04
4.5
5.0
5.5
0.2
0.5
0
SUPPLY VOLTAGE (V)
4.0
0.1
0.3
0.4
6.0
1291 G05
–0.1
–0.3
–0.5
4.5
5.0
5.5
0.2
0.5
0
–0.2
–0.4
SUPPLY VOLTAGE (V)
4.0
0.1
0.3
0.4
6.0
1291 G03
–0.1
–0.3
–0.5
4.5
5.0
5.5
0.2
0.5
0
–0.2
–0.4
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
1291 G06
0.1
0.4
0.3
–25
25
100
125
VCC = 5V
CLK = 1MHz


Similar Part No. - LTC1291DMJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1291DCJ8 LINER-LTC1291DCJ8 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1291DCN8 LINER-LTC1291DCN8 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1291DMJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com