Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321I Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1321I
Description  RS232/EIA562/RS485 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321I Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1321I Datasheet HTML 5Page - Linear Technology LTC1321I Datasheet HTML 6Page - Linear Technology LTC1321I Datasheet HTML 7Page - Linear Technology LTC1321I Datasheet HTML 8Page - Linear Technology LTC1321I Datasheet HTML 9Page - Linear Technology LTC1321I Datasheet HTML 10Page - Linear Technology LTC1321I Datasheet HTML 11Page - Linear Technology LTC1321I Datasheet HTML 12Page - Linear Technology LTC1321I Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1321/LTC1322/LTC1335
FU CTIO TABLES
LTC1321 Interface Configuration Without Loopback
1321BD01
RA1
VCC
VDD
A1
DY1
ON
* SEL1/SEL2 = VCC
Y1
PORT 1 = EIA562 MODE
PORT 2 = EIA562 MODE
DY2
Y2
SEL1
SEL2
24
22
1
3
5
6
7
8
20
19
LB
18
17
GND
VEE
12
13
RA2
A2
10
15
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
VDD
B1
A1
Z1
Y1
1
2
3
4
5
6
7
8
9
12
10
11
DY1
6
RA1
VCC
VDD
B1
A1
DE1
ON
Z1
Y1
PORT 1 = RS485 MODE
PORT 2 = EIA562 MODE
DY2
Y2
*SEL1
SEL2
24
22
1
2
3
5
4
7
8
21
20
LB
18
19
17
GND
VEE
12
13
RA2
A2
10
15
DY1
RA1
VCC
DE1
ON
DY2
DE2
24
22
21
20
LB
17
19
18
16
VEE
13
RA2
15
RA1
VCC
VDD
A1
DY1
ON
DE2
Y1
PORT 1 = EIA562 MODE
PORT 2 = RS485 MODE
DY2
SEL1
24
22
1
3
5
6
7
8
9
20
19
LB
18
17
1
16
12
13
10
11
15
Y2
Z2
GND
VEE
RA2
B2
A2
Y2
Z2
A2
GND
B2
*SEL2
*SEL2
*SEL1
RS485 Receiver Mode
OUTPUT
ON/OFF
SEL
OE
A – B
R
1
1
0
< – 0.2V
0
1
1
0
> 0.2V
1
1
1
0
Inputs Open
1
11
1
X
Z
01
X
X
Z
RS485 Driver Mode
INPUTS
LINE
OUTPUTS
ON/OFF
SEL
DE
D
CONDITION
Y
Z
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
INPUTS
LTC1335
BLOCK DIAGRA SM
EIA562 Driver Mode
INPUTS
LINE
OUTPUT
ON/OFF
SEL
D
CONDITION
Y, Z
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Fault
Z
00
X
X
Z
INPUTS
EIA562 Receiver Mode
OUTPUT
ON/OFF
SEL
OE
A OR B
R
10
0
0
1
10
0
1
0
1
0
0
Input Open
1
10
1
X
Z
00
X
X
Z


Similar Part No. - LTC1321I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1321IN LINER-LTC1321IN Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1321IN LINER-LTC1321IN Datasheet
337Kb / 20P
   Transceivers
LTC1321IS LINER-LTC1321IS Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1321IS LINER-LTC1321IS Datasheet
337Kb / 20P
   Transceivers
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
   Transceivers
More results

Similar Description - LTC1321I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
List of Unclassifed Man...
USR-TCP232-410S ETC2-USR-TCP232-410S Datasheet
893Kb / 17P
   RS232 & RS485 TO ETHERNET
V1. 1 1 02
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
logo
Beckhoff Automation Gmb...
CX8180 BECKHOFF-CX8180 Datasheet
134Kb / 3P
   Embedded PC with RS232/RS485
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
   Embedded PC for RS232/RS485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com