Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1326C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1326C
Description  Micropower Precision Triple Supply Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1326C Datasheet HTML 3Page - Linear Technology LTC1326C Datasheet HTML 4Page - Linear Technology LTC1326C Datasheet HTML 5Page - Linear Technology LTC1326C Datasheet HTML 6Page - Linear Technology LTC1326C Datasheet HTML 7Page - Linear Technology LTC1326C Datasheet HTML 8Page - Linear Technology LTC1326C Datasheet HTML 9Page - Linear Technology LTC1326C Datasheet HTML 10Page - Linear Technology LTC1326C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1326/LTC1326-2.5
BLOCK DIAGRA S
LTC1326
25mV
VCC3
VCC3
INTERNAL
4.15V
VCC3
SOFT RESET
RESET
25mV
3
VCCA
1
VCC3
2
VCC5
8
PBR
7
µA
6
µA
6
µA
7
SRST
4
GND
REF
PBR
TIMER
200ms
RESET
GENERATOR
VCC3
6
RST
5
VCC3
RST
1326 BD
VCC3
VCC3
VCC5
POWER
DETECT/
GATE DRIVE
TO POWER
DETECT
LTC1326-2.5
VCC3
INTERNAL
VCC3
SOFT RESET
RESET
TO POWER
DETECT
VCC3
VCC25
3
VCCA
1
VCC3
2
VCC25
8
PBR
7
µA
6
µA
6
µA
7
SRST
4
GND
REF
PBR
TIMER
200ms
RESET
GENERATOR
POWER
DETECT/
GATE DRIVE
VCC3
6
RST
5
VCC3
RST
1326-2.5 BD
VCC3


Similar Part No. - LTC1326C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326CMS8 LINER-LTC1326CMS8 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326CMS8-2.5 LINER-LTC1326CMS8-2.5 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326CS8 LINER-LTC1326CS8 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326CS8-2.5 LINER-LTC1326CS8-2.5 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results

Similar Description - LTC1326C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com