Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1322I Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1322I
Description  RS232/EIA562/RS485 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1322I Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1322I Datasheet HTML 4Page - Linear Technology LTC1322I Datasheet HTML 5Page - Linear Technology LTC1322I Datasheet HTML 6Page - Linear Technology LTC1322I Datasheet HTML 7Page - Linear Technology LTC1322I Datasheet HTML 8Page - Linear Technology LTC1322I Datasheet HTML 9Page - Linear Technology LTC1322I Datasheet HTML 10Page - Linear Technology LTC1322I Datasheet HTML 11Page - Linear Technology LTC1322I Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1321/LTC1322/LTC1335
RS485 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A – B
R
1
1
< – 0.2V
0
1
1
> 0.2V
1
1
1
Inputs Open
1
01
X
Z
RS485 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A – B
R
1
1
< – 0.2V
0
1
1
> 0.2V
1
1
1
Inputs Open
1
01
X
Z
RS485 Driver Mode
INPUTS
LINE
OUTPUTS
ON/OFF
SEL
DE
D
CONDITION
Y
Z
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
RS485 Driver Mode
INPUTS
LINE
OUTPUTS
ON/OFF
SEL
DE
D
CONDITION
Y
Z
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
FU CTIO TABLES
LTC1321
LTC1322
RS232/EIA562 Driver Mode
INPUTS
LINE
OUTPUT
ON/OFF
SEL
D
CONDITION
Y
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Fault
Z
00
X
X
Z
RS232/EIA562 Driver Mode
INPUTS
LINE
OUTPUT
ON/OFF
SEL
D
CONDITION
Y, Z
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Fault
Z
00
X
X
Z
RS232/EIA562 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A
R
10
01
10
10
1
0
Inputs Open
1
00
X
Z
RS232/EIA562 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A OR B
R
10
01
10
10
1
0
Input Open
1
00
X
Z


Similar Part No. - LTC1322I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1322IN LINER-LTC1322IN Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1322IN LINER-LTC1322IN Datasheet
337Kb / 20P
   Transceivers
LTC1322IS LINER-LTC1322IS Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1322IS LINER-LTC1322IS Datasheet
337Kb / 20P
   Transceivers
More results

Similar Description - LTC1322I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
List of Unclassifed Man...
USR-TCP232-410S ETC2-USR-TCP232-410S Datasheet
893Kb / 17P
   RS232 & RS485 TO ETHERNET
V1. 1 1 02
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
logo
Beckhoff Automation Gmb...
CX8180 BECKHOFF-CX8180 Datasheet
134Kb / 3P
   Embedded PC with RS232/RS485
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
   Embedded PC for RS232/RS485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com