Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114ESA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTA114ESA
Description  PNP Digital Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA114ESA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTA114ESA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA114ESA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA114ESA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
resistor (see equivalent circuit).
- The bias resistors consist of thin -film resistors with
1. IN 2.GUD 3.OUT
complete isolation to allow negative biasing of
the input.They also have the advantage of almost
completely eliminating parasitic effects.
SOT-723
- Only the on/off conditions need to be set for
1. BASE
operation,marking device design easy.
2. EMITTER
- Green compound (Halogen free) with suffix "G"
3. COLLECTOR
on packing code and prefix "G" on date code.
TO92S
1.GUD 2.OUT 3.IN
EM
EE
ESA
PD
100
150
300
mW
VCC
V
VIN
V
IO
IC(MAX)
TJ, TSTG
°C
Notes : 1. Valid provided that electrodes are kept at ambient temperature
SYMBOL MIN TYP MAX
UNIT
VI(on)
-3
VI(off)
-0.5
VO(on)
-0.3
V
II
-0.88
mA
IO(off)
-0.5
μA
GI
30
R1
7
10
13
K
Ω
R2/R1
0.8
1
1.2
fT
250
MHz
Document Number:DS_S1402004
DTA114EM/EE/EUA/ECA/ESA
FEATURES
V
- Built-in bias resistors enable the configuration of
an inverter circuit without connecting external input
Taiwan Semiconductor
Supply Voltage
200
Small Signal Product
PNP Digital Transistor
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25℃ unless otherwise noted)
Resistance Ratio
Transition Frequency
Version : C14
-100
-55 to + 150
Junction and Storage Temperature Range
mA
VI=-5V
Output Current
SOT523
/SOT323/SOT23
Equivalent Circuit
-40~10
-50
VALUE
UNIT
Input Voltage
Output Current
PeakCollectoCurrent
Input Resistance
Power Dissipation
EUA ECA
-50
VCC=-50V,VI=0
PARAMETER
SYMBOL
VO=-0.3V,IO=-10mA
VCC=-5V,IO=-100μA
Input Voltage
DC Current Gain
VO=-5V,IO=-5mA
VO=-10V,IO=-5mA,f=100MHz
PARAMETER
CONDITION
Output Voltage
IO/II=-10mA/-5mA
Input Current
2
1
3


Similar Part No. - DTA114ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114ESA ROHM-DTA114ESA Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA114ESA ROHM-DTA114ESA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
logo
Shenzhen Jin Yu Semicon...
DTA114ESA HTSEMI-DTA114ESA Datasheet
348Kb / 2P
   Digital transistors (PNP)
logo
Rohm
DTA114ESA ROHM-DTA114ESA Datasheet
75Kb / 4P
   Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
logo
Micro Commercial Compon...
DTA114ESA MCC-DTA114ESA Datasheet
754Kb / 3P
   Digital Transistors
More results

Similar Description - DTA114ESA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com