Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY55C22 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55C22
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55C22 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZY55C22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55C22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55C22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZY55C22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZY55C22 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZY55C2V4) to 36V (BZY55C36)
Note 3: Whole series with green compound
PART NO.
BZY55C36
BZY55C36
Min
Max
Min
Max
A
1.80
2.20
0.071
0.087
B
1.05
1.45
0.041
0.057
C
0.25
0.65
0.010
0.026
D
0.75
0.95
0.030
0.037
A
B
C
D
Document Number: DS_S1408017
Version: C14
3.40
0.134
1.10
0.043
1.40
0.055
1.20
0.047
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BZY55C36 RYG
RY
G
Green compound
BZY55C36-C0 RYG
C0
RY
G
Green compound
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BZY55Cxxx
(Note1, 3)
(Note 2)
RY
G
0805
5K / 7" Reel
RB
10K / 13" Reel
BZY55C2V4 thru BZY55C36
Taiwan Semiconductor
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING


Similar Part No. - BZY55C22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55C22 TSC-BZY55C22 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
More results

Similar Description - BZY55C22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com