Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1334CG Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1334CG
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334CG Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1334CG Datasheet HTML 2Page - Linear Technology LTC1334CG Datasheet HTML 3Page - Linear Technology LTC1334CG Datasheet HTML 4Page - Linear Technology LTC1334CG Datasheet HTML 5Page - Linear Technology LTC1334CG Datasheet HTML 6Page - Linear Technology LTC1334CG Datasheet HTML 7Page - Linear Technology LTC1334CG Datasheet HTML 8Page - Linear Technology LTC1334CG Datasheet HTML 9Page - Linear Technology LTC1334CG Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1334
TYPICAL PERFORMANCE CHARACTERISTICS
RS485 Driver Output High Voltage
vs Output Current
RS485 Driver Output Short-Circuit
Current vs Temperature
RS485 Driver Output Low Voltage
vs Output Current
RS232 Driver Output Voltage
vs Temperature
Driver Output Leakage Current
(Disable/Shutdown) vs Temperature
RS232 Driver Short-Circuit
Current vs Temperature
OUTPUT VOLTAGE (V)
0
3
5
LTC1334 • TPC13
12
4
–80
–70
–60
–50
–40
–30
–20
–10
0
TA = 25°C
VCC = 5V
OUTPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
123
4
LTC1334 • TPC14
5
TA = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
160
140
120
100
80
60
40
25
75
LTC1334 • TPC15
–25
0
50
100
125
SOURCE
(VOUT = 0V)
SINK
(VOUT = 5V)
VCC = 5V
TEMPERATURE (
°C)
–50
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
50
75
LTC1334 • TPC16
–25
25
100
125
VCC = 5V
RL = 3k
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (
°C)
–50
30
25
20
15
10
5
0
25
75
LTC1334 • TPC17
–25
0
50
100
125
SOURCE
SINK
VOUT = 0V
VCC = 5V
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
200
150
100
50
0
0
50
75
LTC1334 • TPC18
–25
25
100
125
VCC = 5V
PIN FUNCTIONS
C1+(Pin 1): Commutating Capacitor C1 Positive Terminal.
Requires 0.1
µF external capacitor between Pins 1 and 2.
C1(Pin 2): Commutating Capacitor C1 Negative Terminal.
VDD (Pin 3): Positive Supply Output for RS232 Drivers.
Requires an external 0.1
µF capacitor to ground.
A1 (Pin 4): Receiver Input.
B1 (Pin 5): Receiver Input.
Y1 (Pin 6): Driver Output.
Z1 (Pin 7): Driver Output.
SEL1 (Pin 8): Interface Mode Select Input.
SEL2 (Pin 9): Interface Mode Select Input.
Z2 (Pin 10): Driver Output.
Y2 (Pin 11): Driver Output.
B2 (Pin 12): Receiver Input.
A2 (Pin 13): Receiver Input.
GND (Pin 14): Ground.
VEE (Pin 15): Negative Supply Output. Requires an exter-
nal 0.1
µF capacitor to ground.


Similar Part No. - LTC1334CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Analog Devices
LTC1334 AD-LTC1334 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1334CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com