Electronic Components Datasheet Search |
|
LTC2057HV Datasheet(PDF) 5 Page - Linear Technology |
|
LTC2057HV Datasheet(HTML) 5 Page - Linear Technology |
5 / 32 page LTC2057/LTC2057HV 5 2057f For more information www.linear.com/LTC2057 (LTC2057/LTC2057HV) The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VS = ±15V; VCM = VOUT = 0V. elecTrical characTerisTics SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage (Note 3) 0.5 4.5 μV ∆VOS/∆T Average Input Offset Voltage Drift (Note 3) –40°C to 125°C l 0.015 μV/°C IB Input Bias Current (Note 4) –40°C to 85°C –40°C to 125°C l l 30 200 360 6.0 pA pA nA IOS Input Offset Current (Note 4) –40°C to 85°C –40°C to 125°C l l 60 400 480 1.5 pA pA nA in Input Noise Current Spectral Density 1kHz 150 fA/√Hz en Input Noise Voltage Spectral Density 1kHz 12 nV/√Hz en P-P Input Noise Voltage DC to 10Hz 210 nVP-P CIN Differential Input Capacitance Common Mode Input Capacitance 3 3 pF pF CMRR Common Mode Rejection Ratio (Note 5) VCM = V– – 0.1V to V+ – 1.5V –40°C to 125°C l 128 126 150 dB dB PSRR Power Supply Rejection Ratio (Note 5) VS = 4.75V to 36V –40°C to 125°C l 133 129 160 dB dB AVOL Open Loop Voltage Gain (Note 5) VOUT = V– +0.25V to V+ –0.25V, RL =10kΩ –40°C to 125°C l 130 128 150 dB dB VOL – V– Output Voltage Swing Low No Load –40°C to 125°C ISINK = 1mA –40°C to 125°C ISINK = 5mA –40°C to 85°C –40°C to 125°C l l l l 2 35 175 12 45 60 100 255 360 435 mV mV mV mV mV mV mV V+ – VOH Output Voltage Swing High No Load –40°C to 125°C ISOURCE = 1mA –40°C to 125°C ISOURCE = 5mA –40°C to 85°C –40°C to 125°C l l l l 3 50 235 15 45 75 125 335 465 560 mV mV mV mV mV mV mV ISC Short Circuit Current 19 30 mA SRRISE Rising Slew Rate AV = –1, RL = 10kΩ 1.3 V/μs SRFALL Falling Slew Rate AV = –1, RL = 10kΩ 0.45 V/μs GBW Gain Bandwidth Product 1.5 MHz fC Internal Chopping Frequency 100 kHz IS Supply Current No Load –40°C to 85°C –40°C to 125°C l l 0.88 1.35 1.65 1.83 mA mA mA In Shutdown Mode –40°C to 85°C –40°C to 125°C l l 3 8 9 μA μA μA VSDL Shutdown Threshold (SD – SDCOM) Low –40°C to 125°C l 0.8 V VSDH Shutdown Threshold (SD – SDCOM) High –40°C to 125°C l 2 V SDCOM Voltage Range –40°C to 125°C l V– V+ –2V V ISD SD Pin Current –40°C to 125°C, VSD – VSDCOM = 0 l –2.0 –0.5 µA ISDCOM SDCOM Pin Current –40°C to 125°C, VSD – VSDCOM = 0 l 0.5 2 µA |
Similar Part No. - LTC2057HV_15 |
|
Similar Description - LTC2057HV_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |