Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1291DIJ8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1291DIJ8
Description  Single Chip 12-Bit Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291DIJ8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1291DIJ8 Datasheet HTML 1Page - Linear Technology LTC1291DIJ8 Datasheet HTML 2Page - Linear Technology LTC1291DIJ8 Datasheet HTML 3Page - Linear Technology LTC1291DIJ8 Datasheet HTML 4Page - Linear Technology LTC1291DIJ8 Datasheet HTML 5Page - Linear Technology LTC1291DIJ8 Datasheet HTML 6Page - Linear Technology LTC1291DIJ8 Datasheet HTML 7Page - Linear Technology LTC1291DIJ8 Datasheet HTML 8Page - Linear Technology LTC1291DIJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1291
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
80
150
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
See Test Circuits
q
80
200
ns
thDI
Hold Time, DIN after CLK
VCC = 5V (Note 6)
50
ns
thDO
Time Output Data Remains Valid after CLK
130
ns
tWHCLK
CLK High Time
VCC = 5V (Note 6)
300
ns
tWLCLK
CLK Low Time
VCC = 5V (Note 6)
400
ns
tf
DOUT Fall Time
See Test Circuits
q
65
130
ns
tr
DOUT Rise Time
See Test Circuits
q
25
50
ns
tsuDI
Setup Time, DIN Stable before CLK
VCC = 5V (Note 6)
50
ns
tsuCS
Setup Time, CS
↓ before CLK↑
VCC = 5V (Note 6)
50
ns
tWHCS
CS High Time During Conversion
VCC = 5V (Note 6)
500
ns
tWLCS
CS Low Time During Data Transfer
VCC = 5V (Note 6)
18
CLK Cycles
CIN
Input Capacitance
Analog Inputs On Channel
100
pF
Analog Inputs Off Channel
5
pF
Digital Inputs
5
pF
AC CHARACTERISTICS (Note 3)
Note 7: Two on-chip diodes are tied to each analog input which will
conduct for analog voltages one diode drop below GND or one diode drop
above VCC. Be careful during testing at low VCC levels (4.5V), as high level
analog inputs (5V) can cause this input diode to conduct, especially at
elevated temperature, and cause errors for inputs near full scale. This spec
allows 50mV forward bias of either diode. This means that as long as the
analog input does not exceed the supply voltage by more than 50mV, the
output code will be correct.
Note 8: Channel leakage current is measured after the channel selection.
Note 9: Increased leakage currents at elevated temperatures cause the
S/H to droop, therefore it is recommended that fCLK
≥ 125kHz at 125°C,
fCLK
≥ 30kHz at 85°C and fCLK ≥ 3kHz at 25°C.
The q denotes specifications which apply over the operating temperature
range; all other limits and typicals TA = 25
°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground (unless otherwise
noted).
Note 3: VCC = 5V, CLK = 1.0MHz unless otherwise specified.
Note 4: One LSB is equal to VCC divided by 4096. For example, when VCC =
5V, 1LSB = 5V/4096 = 1.22mV.
Note 5: Linearity error is specified between the actual end points of the
A/D transfer curve. The deviation is measured from the center of the
quantization band.
Note 6: Recommended operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.0
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IOUT = –10
µA
4.7
V
VCC = 4.75V, IOUT = – 360
µA
q
2.4
4.0
V
VOL
Low Level Output Voltage
VCC = 4.75V, IOUT = 1.6mA
q
0.4
V
IOZ
High Z Output Leakage
VOUT = VCC, CS High
q
3
µA
VOUT = 0V, CS High
q
–3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 20
mA
ISINK
Output Sink Current
VOUT = VCC
20
mA
ICC
Positive Supply Current
CS High
q
612
mA
LTC1291BC, LTC1291CC, LTC1291DC
q
510
µA
LTC1291BI, LTC1291CI, LTC1291DI,
q
515
µA
LTC1291BM, LTC1291CM, LTC1291DM
LTC1291B/LTC1291C/LTC1291D
(Note 3)
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
LTC1291B/LTC1291C/LTC1291D
CS High
Power shutdown
CLK Off


Similar Part No. - LTC1291DIJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1291DCJ8 LINER-LTC1291DCJ8 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1291DCN8 LINER-LTC1291DCN8 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1291DIJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com