Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1292BIN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1292BIN8
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292BIN8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1292BIN8 Datasheet HTML 1Page - Linear Technology LTC1292BIN8 Datasheet HTML 2Page - Linear Technology LTC1292BIN8 Datasheet HTML 3Page - Linear Technology LTC1292BIN8 Datasheet HTML 4Page - Linear Technology LTC1292BIN8 Datasheet HTML 5Page - Linear Technology LTC1292BIN8 Datasheet HTML 6Page - Linear Technology LTC1292BIN8 Datasheet HTML 7Page - Linear Technology LTC1292BIN8 Datasheet HTML 8Page - Linear Technology LTC1292BIN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1292/LTC1297
Single Chip 12-Bit
Data Acquisition Systems
S
FEATURE
DESCRIPTIO
KEY SPECIFICATIO S
APPLICATI
TYPICAL
s
Resolution: 12 Bits
s
Fast Conversion Time: 12
µs Max Over Temp
s
Low Supply Current: 6.0mA
s
Shutdown Supply Current: 5
µA (LTC1297)
s
Built-In Sample-and-Hold
s
Single Supply 5V Operation
s
60kHz Maximum Throughput Rate (LTC1292)
s
Power Shutdown After Each Conversion (LTC1297)
s
Direct 3-Wire Interface to Most MPU Serial Ports and
All MPU Parallel Ports
s
Analog Inputs Common Mode to Supply Rails
The LTC1292/LTC1297 are data acquisition systems that
contain a 12-bit, switched-capacitor successive approxi-
mation A/D, a differential input, sample-and-hold on the
(+) input, and serial I/O. When the LTC1297 is idle between
conversions it automatically powers down reducing the
supply current to 5
µA, typically. The LTC1292 is capable
of digitizing signals at a 60kHz rate and with the device’s
excellent AC characteristics, it can be used for DSP appli-
cations. All these features are packaged in an 8-pin DIP
and are made possible using LTCMOSTM switched-capaci-
tor technology.
The serial I/O is designed to communicate without external
hardware to most MPU serial ports and all MPU parallel
I/O ports allowing data to be transmitted over three wires.
Because of their accuracy, ease of use and small package
size these devices are well suited for digitizing analog
signals in remote applications where minimum number of
interconnects and power consumption are important.
LTCMOS is trademark of Linear Technology Corporation
12-Bit Differential Input Data Acquisition System
+
DIFFERENTIAL
INPUTS
COMMON MODE
RANGE
0V TO 5V*
1N4148
VREF
DOUT
CLK
VCC
LTC1297
+IN
GND
CS
–IN
LT1027
4.7µF
TANTALUM
+
8V TO 40V
1µF
22µF
TANTALUM
DO
MC68HC11
SCK
MISO
*FOR OVERVOLTAGE PROTECTION LIMIT THE INPUT CURRENT TO 15mA
PER PIN OR CLAMP THE INPUTS TO VCC AND GND WITH 1N4148 DIODES.
CONVERSION RESULTS ARE NOT VALID WHEN ANY INPUT IS OVERVOLTAGED
(VIN < GND OR VIN > VCC). SEE SECTION ON OVERVOLTAGE PROTECTION IN
THE APPLICATIONS INFORMATION.
LTC1292/7 TA01
+
5V
fSAMPLE (Hz)
10
100
1000
10000
1
100
10k
LTC1297• TA02
1
10
1k
100k
Power Supply Current
vs Sampling Frequency


Similar Part No. - LTC1292BIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1292BIN8 LINER-LTC1292BIN8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1292BIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com