Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2355-12 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2355-12
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355-12 Datasheet(HTML) 1 Page - Linear Technology

  LTC2355-12_15 Datasheet HTML 1Page - Linear Technology LTC2355-12_15 Datasheet HTML 2Page - Linear Technology LTC2355-12_15 Datasheet HTML 3Page - Linear Technology LTC2355-12_15 Datasheet HTML 4Page - Linear Technology LTC2355-12_15 Datasheet HTML 5Page - Linear Technology LTC2355-12_15 Datasheet HTML 6Page - Linear Technology LTC2355-12_15 Datasheet HTML 7Page - Linear Technology LTC2355-12_15 Datasheet HTML 8Page - Linear Technology LTC2355-12_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2355-12/LTC2355-14

2355fa
Block Diagram
Features
applications
Description
Serial 12-Bit/14-Bit, 3.5Msps
Sampling ADCs with Shutdown
The LTC®2355-12/LTC2355-14 are 12-bit/14-bit, 3.5Msps
serial ADCs with differential inputs. The devices draw
only 5.5mA from a single 3.3V supply and come in a
tiny 10-lead MSOP package. A Sleep shutdown feature
further reduces power consumption to 13µW. The com-
bination of speed, low power and tiny package makes the
LTC2355-12/LTC2355-14suitableforhighspeed,portable
applications.
The80dBcommonmoderejectionallowsuserstoeliminate
ground loops and common mode noise by measuring
signals differentially from the source.
Thedevicesconvert0Vto2.5Vunipolarinputsdifferentially.
The absolute voltage swing for AIN+ and AIN– extends from
ground to the supply voltage.
Theserialinterfacesendsouttheconversionresultsduring
the 16 clock cycles following a CONV rising edge for com-
patibility with standard serial interfaces. If two additional
clock cycles for acquisition time are allowed after the data
stream in between conversions, the full sampling rate of
3.5Msps can be achieved with a 63MHz clock.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
n
3.5Msps Conversion Rate
n
74.2dB SINAD at 14-Bits, 71.1dB SINAD at 12-Bits
n
Low Power Dissipation: 18mW
n
3.3V Single Supply Operation
n
2.5V Internal Bandgap Reference can be Overdriven
n
3-Wire SPI-Compatible Serial Interface
n
Sleep (13µW) Shutdown Mode
n
Nap (4mW) Shutdown Mode
n
80dB Common Mode Rejection
n
0V to 2.5V Unipolar Input Range
n
Tiny 10-Lead MSOP Package
n
Communications
n
Data Acquisition Systems
n
Uninterrupted Power Supplies
n
Multiphase Motor Control
n
Multiplexed Data Acquisition
n
RFID
THD, 2nd, 3rd and SFDR
vs Input Frequency
+
1
2
7
3
4
S & H
GND
EXPOSED PAD
LTC2355-14
VREF
10µF
AIN–
AIN+
14-BIT ADC
3.3V
10µF
14
8
10
9
THREE-
STATE
SERIAL
OUTPUT
PORT
2.5V
REFERENCE
TIMING
LOGIC
VDD
SDO
CONV
SCK
2355 TA01
5
6
11
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
2355 G02
–86
–92
–98
–104
–110
–50
THD
2nd
3rd


Similar Part No. - LTC2355-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC2355-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com