Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2355-14 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2355-14
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355-14 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2355-14_15 Datasheet HTML 5Page - Linear Technology LTC2355-14_15 Datasheet HTML 6Page - Linear Technology LTC2355-14_15 Datasheet HTML 7Page - Linear Technology LTC2355-14_15 Datasheet HTML 8Page - Linear Technology LTC2355-14_15 Datasheet HTML 9Page - Linear Technology LTC2355-14_15 Datasheet HTML 10Page - Linear Technology LTC2355-14_15 Datasheet HTML 11Page - Linear Technology LTC2355-14_15 Datasheet HTML 12Page - Linear Technology LTC2355-14_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2355-12/LTC2355-14

2355fa
timing Diagram
Nap Mode and Sleep Mode Waveforms
SCK to SDO Delay
LTC2355-12 Timing Diagram
LTC2355-14 Timing Diagram
SCK
CONV
INTERNAL
S/H STATUS
SDO
t7
t3
t1
1
17
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
t2
t6
t8
t10
t4
t5
t8
t9
tACQ
SAMPLE
HOLD
HOLD
Hi-Z
Hi-Z
tCONV
14-BIT DATA WORD
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
*BITS MARKED "X" AFTER D0 SHOULD BE IGNORED.
tTHROUGHPUT
2355 TD01
D11
D10
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
D9
SAMPLE
1
SCK
CONV
INTERNAL
S/H STATUS
SDO
t7
t3
t1
1
17
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
t2
t6
t8
t10
t4
t5
t8
t9
tACQ
SAMPLE
HOLD
HOLD
Hi-Z
Hi-Z
tCONV
14-BIT DATA WORD
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
tTHROUGHPUT
2355 TD01b
D13
D12
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
SAMPLE
1
SLK
CONV
NAP
SLEEP
VREF
t1
t12
t1
NOTE: NAP AND SLEEP ARE INTERNAL SIGNALS
2355 TD02
t8
t10
SCK
SDO
2355 TD03
VIH
VOH
VOL
t9
SCK
SDO
VIH
90%
10%


Similar Part No. - LTC2355-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC2355-14 LINER-LTC2355-14 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2355-14 LINER-LTC2355-14 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC2355-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com