Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2355-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2355-14
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2355-14_15 Datasheet HTML 7Page - Linear Technology LTC2355-14_15 Datasheet HTML 8Page - Linear Technology LTC2355-14_15 Datasheet HTML 9Page - Linear Technology LTC2355-14_15 Datasheet HTML 10Page - Linear Technology LTC2355-14_15 Datasheet HTML 11Page - Linear Technology LTC2355-14_15 Datasheet HTML 12Page - Linear Technology LTC2355-14_15 Datasheet HTML 13Page - Linear Technology LTC2355-14_15 Datasheet HTML 14Page - Linear Technology LTC2355-14_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2355-12/LTC2355-14

2355fa
applications inFormation
INPUT FILTERING AND SOURCE IMPEDANCE
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC2355-12/LTC2355-14 noise and distortion. The
small-signal bandwidth of the sample-and-hold circuit is
50MHz. Any noise or distortion products that are pres-
ent at the analog inputs will be summed over this entire
bandwidth. Noisy input circuitry should be filtered prior
to the analog inputs to minimize noise. A simple 1-pole
RC filter is sufficient for many applications. For example,
Figure 1 shows a 47pF capacitor from AIN+togroundanda
51Ωsourceresistortolimittheinputbandwidthto47MHz.
The 47pF capacitor also acts as a charge reservoir for the
input sample-and-hold and isolates the ADC input from
sampling-glitchsensitivecircuitry.Highqualitycapacitors
and resistors should be used since these components
can add distortion. NPO and silvermica type dielectric
capacitors have excellent linearity. Carbon surface mount
resistors can generate distortion from self heating and
from damage that may occur during soldering. Metal film
surface mount resistors are much less susceptible to both
problems.Whenhighamplitudeunwantedsignalsareclose
in frequency to the desired signal frequency, a multiple
pole filter is required. High external source resistance,
combined with the 13pF of input capacitance, will reduce
the rated 50MHz bandwidth and increase acquisition time
beyond 39ns.
INPUT RANGE
The analog inputs of the LTC2355-12/LTC2355-14 may be
driven fully differentially with a single supply. Each input
may swing up to 2.5VP-P individually. When using the
internal reference, the noninverting input should never be
more than 2.5V more positive than the inverting input. The
0V to 2.5V range is also ideally suited for single-ended
input use with single supply applications. The common
mode range of the inputs extend from ground to the sup-
ply voltage VDD. If the difference between the AIN+ and
AIN– inputs exceeds 2.5V, the output code will stay fixed
at all ones and if this difference goes below 0V, the ouput
code will stay fixed at all zeros.
INTERNAL REFERENCE
TheLTC2355-12/LTC2355-14hasanon-chip,temperature
compensated, bandgap reference that is factory trimmed
to 2.5V to obtain a unipolar 0V to 2.5V input span. The
reference amplifier output VREF, (Pin 3) must be bypassed
with a capacitor to ground. The reference amplifier is
stable with capacitors of 1µF or greater. For the best noise
performance,a10µFceramicora10µFtantaluminparallel
with a 0.1µF ceramic is recommended. The VREFpincanbe
overdriven with an external reference as shown in Figure
2. The voltage of the external reference must be higher
than the 2.5V output of the internal reference. The recom-
mended range for an external reference is 2.55V to VDD.
An external reference at 2.55V will see a DC quiescent load
of 0.75mA and as much as 3mA during conversion.
Figure 1. RC Input Filter
Figure 2. Overdriving VREF Pin with an External Reference
10µF
11
3
AIN–
LTC2355-12/
LTC2355-14
AIN+
47pF
2
1
51
GND
VREF
2355 F01
GND
LTC2355-12/
LTC2355-14
LT1790-3
VREF
10µF
3.5V TO 18V
11
3
3V
2355 F02


Similar Part No. - LTC2355-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC2355-14 LINER-LTC2355-14 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2355-14 LINER-LTC2355-14 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC2355-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com