Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0204 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0204
Description  SILICON CARBIDE SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0204 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0204_15 Datasheet HTML 1Page - Solid States Devices, Inc RS0204_15 Datasheet HTML 2Page - Solid States Devices, Inc RS0204_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0204A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR02C 60 D1 HR
Screening: __ = Not Screened
HR = High Rel
Package:
G = Cerpack
S.22 = SMD.22
Voltage 50 = 500 V
60 = 600 V
SSR02C60 Series
2 AMP / 600 V
SILICON CARBIDE
SCHOTTKY RECTIFIER
Features:
• 600V Silicon Carbide Schottky Rectifier
• New Semiconductor Material
• Switching Behavior Benchmark
No Reverse Recovery
No Forward Recovery
No Switching Time Change Over Temperature
Hermetic Packages Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
SSR02C50
SSR02C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Io
2
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO)
IFSM
4
Amps
Repetitive Peak Forward Current
(Tc= 100ºC; d/c= 10%)
IFRM
7.5
A
Power Dissipation
PD
12.5
Watts
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
12
ºC/W
1
Cerpack (G)
SMD.22 (S.22)


Similar Part No. - RS0204_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0204 SSDI-RS0204 Datasheet
169Kb / 3P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0204_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0016K SSDI-RS0016K_15 Datasheet
75Kb / 2P
   SILICON CARBIDE SCHOTTKY RECTIFIER
SSR05C60 SSDI-SSR05C60_1 Datasheet
75Kb / 2P
   SILICON CARBIDE SCHOTTKY RECTIFIER
SH0030G SSDI-SH0030G_15 Datasheet
118Kb / 2P
   Schottky Silicon Carbide Rectifier
SH0067B SSDI-SH0067B Datasheet
116Kb / 2P
   Schottky Silicon Carbide Rectifier
SH0067B SSDI-SH0067B_15 Datasheet
116Kb / 2P
   Schottky Silicon Carbide Rectifier
SH0043D SSDI-SH0043D_15 Datasheet
82Kb / 2P
   Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120_1 Datasheet
108Kb / 2P
   Schottky Silicon Carbide Rectifier
SSR30C100S1 SSDI-SSR30C100S1_1 Datasheet
76Kb / 2P
   Schottky Silicon Carbide Rectifier
logo
Central Semiconductor C...
CSIC10-1200 CENTRAL-CSIC10-1200_15 Datasheet
951Kb / 3P
   SILICON CARBIDE SCHOTTKY RECTIFIER
logo
Solid States Devices, I...
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
   SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com