Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1338CN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1338CN
Description  5V Low Power RS232 5-Driver/3-Receiver Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1338CN Datasheet(HTML) 7 Page - Linear Technology

  LTC1338CN Datasheet HTML 1Page - Linear Technology LTC1338CN Datasheet HTML 2Page - Linear Technology LTC1338CN Datasheet HTML 3Page - Linear Technology LTC1338CN Datasheet HTML 4Page - Linear Technology LTC1338CN Datasheet HTML 5Page - Linear Technology LTC1338CN Datasheet HTML 6Page - Linear Technology LTC1338CN Datasheet HTML 7Page - Linear Technology LTC1338CN Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1338
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
0° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.005
(0.127)
RAD MIN
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
NOTE 1
0.697 – 0.712
(17.70 – 18.08)
(NOTE 2)
0.394 – 0.419
(10.007 – 10.643)
1
23
4
5
6
78
9 10 11 12
14
13
25
26
22 21 20 19 18 17 16 15
23
24
27
28
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
S Package
28-Lead SOL
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
G Package
28-Lead SSOP
0.301 – 0.311
(7.65 – 7.90)
12 3 4 5 6 7 8 9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.045
(1.14)
0.045
(1.14)
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
0.005 – 0.009
(0.13 – 0.22)
0° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212*
(5.20 – 5.38)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
N Package
28-Lead Plastic DIP
0.505 – 0.560
(12.827 – 14.224)
1.455
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
0.009 – 0.015
(0.229 – 0.381)
0.625
+0.025
–0.015
+0.635
–0.381
15.87
()
0.600 – 0.625
(15.240 – 15.875)
0.070
(1.778)
TYP
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.018 ± 0.003
(0.457 ± 0.076)
0.035 – 0.080
(0.889 – 2.032)
0.100 ± 0.010
(2.540 ± 0.254)
0.045 – 0.065
(1.143 – 1.651)


Similar Part No. - LTC1338CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results

Similar Description - LTC1338CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_1 Datasheet
128Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348 Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348_15 Datasheet
229Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com