Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114EM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114EM
Description  NPN Small Signal Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114EM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTC114EM_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114EM_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC114EM_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC114EM_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTC114EM_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd DTC114EM_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DTC114 EM/EE/EUA/ECA/ESA
Taiwan Semiconductor
Small Signal Product
- Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistor
(see equivalent circuit).
- The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
- Only the on/off conditions need to be set for
operation, marking device design easy.
- Packing code with suffix "G" means
green compound (halogen-free)
SYMBOL
UNIT
EM
EE
ESA
PD
100
150
300
mW
VCC
V
VIN
V
IO
IC(MAX)
TJ, TSTG
°C
Notes: 1. Valid provided that electrodes are kept at ambient temperature
SYMBOL
MIN
TYP
MAX
UNIT
VI(on)
--
3
VI(off)
0.5
-
-
VO(on)
--
0.3
V
II
-
-
0.88
mA
IO(off)
--
0.5
μA
GI
30
-
-
R1
710
13
KΩ
R2/R1
0.8
1
1.2
fT
-
250
-
MHz
Document Number: DS_S1412029
Version: C14
50
-10 ~ +40
50
EUA / ECA
Input Voltage
Supply Voltage
NPN Small Signal Transistor
FEATURES
Equivalent Circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
200
Power Dissipation
PARAMETER
VALUE
mA
-55 to + 150
V
VO=5V,IO=5mA
VI=5V
VCC=50V,VI=0
VO=0.3V,IO=10mA
IO/II=10mA/0.5mA
100
CONDITION
VCC=5V,IO=100μA
Input Current
DC Current Gain
Output Current
VO=10V,IO=5mA,f=100MHz
Junction and Storage Temperature Range
Output Current
Output Voltage
Input Voltage
PARAMETER
Transition Frequency
Resistance Ratio
Input Resistance


Similar Part No. - DTC114EM_14

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EM ROHM-DTC114EM_11 Datasheet
158Kb / 4P
   100mA / 50V Digital transistors(with built-in resistors)
More results

Similar Description - DTC114EM_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com