Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P048CW Datasheet(PDF) 6 Page - NEC

Part # UPD75P048CW
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P048CW Datasheet(HTML) 6 Page - NEC

Back Button UPD75P048CW Datasheet HTML 2Page - NEC UPD75P048CW Datasheet HTML 3Page - NEC UPD75P048CW Datasheet HTML 4Page - NEC UPD75P048CW Datasheet HTML 5Page - NEC UPD75P048CW Datasheet HTML 6Page - NEC UPD75P048CW Datasheet HTML 7Page - NEC UPD75P048CW Datasheet HTML 8Page - NEC UPD75P048CW Datasheet HTML 9Page - NEC UPD75P048CW Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
µPD75P048
1.
PIN FUNCTIONS
1.1
PORT PINS (1/2)
Pin Name
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30 Note 2
P31 Note 2
P32 Note 2
P33 Note 2
P40 - P43 Note 2
P50 - P53 Note 2
I/O Circuit
Type Note 1
-A
-B
-C
-C
E-B
E-B
M-A
M-A
Input/
Output
Input
I/O
I/O
I/O
Input
I/O
I/O
I/O
I/O
Shared
Pin
INT4
SCK
SO/SB0
SI/SB1
INT0
INT1
INT2
TI0
PTO0
PPO
PCL
BUZ
MD0
MD1
MD2
MD3
When Reset
Input
Input
Input
Input
High
impedance
High
impedance
8-Bit
I/O
×
×
×
×
Function
4-bit input port (PORT0).
For P01 to P03, pull-up resistors can be
provided by software in units of 3 bits.
With noise elimination function
4-bit input port (PORT1).
Pull-up resistors can be provided by
software in units of 4 bits.
4-bit I/O port (PORT2).
Pull-up resistors can be provided by
software in units of 4 bits.
Programmable 4-bit I/O port (PORT3).
I/O can be specified bit by bit.
Pull-up resistors can be provided by
software in units of 4 bits.
N-ch open-drain 4-bit I/O port (PORT4).
Can withstand 10 V.
Data input/output pins for the PROM
write and verity (Four low-order bits).
N-ch open-drain 4-bit I/O port (PORT5).
Can withstand 10 V.
Data input/output pins for the PROM
write and verify (Four high-order bits).
B
F
M
B
F
Note 1. The circle (
) indicates the Schmitt trigger input.
2. Can directly drive LEDs.


Similar Part No. - UPD75P048CW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P048CW RENESAS-UPD75P048CW Datasheet
439Kb / 42P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD75P048CW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com