Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3442 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3442 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3442_15 Datasheet HTML 6Page - Linear Technology LTC3442_15 Datasheet HTML 7Page - Linear Technology LTC3442_15 Datasheet HTML 8Page - Linear Technology LTC3442_15 Datasheet HTML 9Page - Linear Technology LTC3442_15 Datasheet HTML 10Page - Linear Technology LTC3442_15 Datasheet HTML 11Page - Linear Technology LTC3442_15 Datasheet HTML 12Page - Linear Technology LTC3442_15 Datasheet HTML 13Page - Linear Technology LTC3442_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3442
10
3442fb
For more information www.linear.com/LTC3442
OPERATION
Boost Region (VIN < VOUT)
Switch A is always on and switch B is always off during
this mode. When the internal control voltage, VCI, is above
voltageV3,switchpairCDwillalternatelyswitchtoprovide
a boosted output voltage. This operation is typical to a
synchronous boost regulator. The maximum duty cycle
of the converter is limited to 88% typical and is reached
when VCI is above V4.
BURST MODE OPERATION
Burst Mode operation occurs when the IC delivers energy
to the output until it is regulated and then goes into a sleep
mode where the outputs are off and the IC is consuming
only 35µA of quiescent current from VIN. In this mode the
output ripple has a variable frequency component that
depends upon load current, and will typically be about
2% peak-to-peak. Burst Mode operation ripple can be
reduced slightly by using more output capacitance (47µF
or greater). Another method of reducing Burst Mode
operation ripple is to place a small feedforward capacitor
across the upper resistor in the VOUT feedback divider
network (as in Type III compensation).
During the period where the device is delivering energy to
the output, the peak switch current will be equal to 900mA
typical and the inductor current will terminate at zero
current for each cycle. In this mode the typical maximum
average output current is given by:
IOUT(MAX)BURST
0.2 • VIN
VOUT + VIN
A
Note that the peak efficiency during Burst Mode operation
is less than the peak efficiency during fixed frequency
9
VIN
A
4
SW1
5
GND
6
SW2
L
+
8
VOUT
D
C
900mA
0mA
3442 F03
T1
B
dI
dt
VIN
L
Figure 3. Inductor Charge Cycle During Burst Mode Operation
Figure 4. Inductor Discharge Cycle During Burst Mode Operation
9
VIN
A
4
SW1
5
GND
6
SW2
L
+
8
VOUT
D
C
900mA
0mA
3442 F04
T2
B
dI
dt
VOUT
L
because the part enters full-time 4-switch mode (when
servicing the output) with discontinuous inductor cur-
rent as illustrated in Figures 3 and 4. During Burst Mode
operation, the control loop is nonlinear and cannot utilize
the control voltage from the error amp to determine the
controlmode,thereforefull-time4-switchmodeisrequired
to maintain the buck/boost function. The efficiency below
1mA becomes dominated primarily by the quiescent cur-
rent. The Burst Mode operation efficiency is given by:
EFFICIENCY
n •ILOAD
35µA
+ILOAD
where n is typically 82% during Burst Mode operation.
Automatic Burst Mode Operation Control
Burst Mode operation can be automatic or manually con-
trolled with a single pin. In automatic mode, the IC will
enter Burst Mode operation at light load and return to fixed
frequency operation at heavier loads. The load current at
which the mode transition occurs is programmed using
a single external resistor from the BURST pin to ground,
according to the following equations:
Enter Burst Mode: I
=
17.6
RBURST
Leave Burst Mode: I
= 22.4
RBURST
where RBURST is in kΩ and IBURST is the load transition
current in Amps. Do not use values of RBURST greater
than 250k.


Similar Part No. - LTC3442_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3442EDE LINEAR-LTC3442EDE Datasheet
326Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
logo
Linear Technology
LTC3442EDE LINER-LTC3442EDE Datasheet
364Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
More results

Similar Description - LTC3442_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3442 LINEAR-LTC3442 Datasheet
326Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
logo
Linear Technology
LTC3442 LINER-LTC3442 Datasheet
364Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com