Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3442 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3442 Datasheet(HTML) 5 Page - Linear Technology

  LTC3442_15 Datasheet HTML 1Page - Linear Technology LTC3442_15 Datasheet HTML 2Page - Linear Technology LTC3442_15 Datasheet HTML 3Page - Linear Technology LTC3442_15 Datasheet HTML 4Page - Linear Technology LTC3442_15 Datasheet HTML 5Page - Linear Technology LTC3442_15 Datasheet HTML 6Page - Linear Technology LTC3442_15 Datasheet HTML 7Page - Linear Technology LTC3442_15 Datasheet HTML 8Page - Linear Technology LTC3442_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3442
5
3442fb
For more information www.linear.com/LTC3442
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Pins in Buck-Boost Mode
Switch Pins Entering
Buck-Boost Mode
Output Ripple at 1A Load
Load Transient Response in Fixed
Frequency Mode, No Load to 1A
Load Transient Response in Auto
Burst Mode Operation, No Load to 1A
Burst Mode Operation
Frequency Change
vs Temperature (Normalized)
Feedback Voltage
vs Temperature (Normalized)
Switch Pins Before Entering
Boost Mode
(TA = 25°C unless otherwise specified).
TEMPERATURE (°C)
–55
1.0%
0.8%
0.6%
0.4%
0.2%
0.0%
–2.0%
–0.4%
–0.6%
–0.8%
–1.0%
–15
25 45
125
3442 G14
–35
5
65 85 105
VIN = VOUT = 3.3V
50ns/DIV
3442 G15
SW1
2V/DIV
SW2
2V/DIV
VIN = 2.9V
VOUT = 3.3V AT 500mA
50ns/DIV
3442 G16
SW1
2V/DIV
SW2
2V/DIV
VIN = 3.3V
VOUT = 3.3V AT 500mA
50ns/DIV
3442 G17
SW1
2V/DIV
SW2
2V/DIV
VIN = 4.2V
VOUT = 3.3V AT 500mA
1µs/DIV
3442 G18
VOUT
20mV/DIV
AC COUPLED
VIN = 4.2V
VIN = 3.3V
VIN = 2.7V
100µs/DIV
3442 G19
VIN = 3.6V
VOUT = 3.3V
COUT = 47µF, X5R CERAMIC
LOAD
0.5A/DIV
VOUT
100mV/DIV
100µs/DIV
3442 G20
VIN = 3.6V
VOUT = 3.3V
COUT = 47µF, X5R CERAMIC + 100µF
LOW ESR TANTALUM
LOAD
0.5A/DIV
VOUT
100mV/DIV
20µs/DIV
3442 G21
COUT = 100F
LOW ESR TANTALUM
INDUCTOR
CURRENT
0.5A/DIV
VOUT
50mV/DIV
TEMPERATURE (°C)
–55
0.0%
0.5%
1.0%
105
3442 G13
–0.5%
–1.0%
–2.0%
–15
25
65
–35
125
5
45
85
–1.5%
2.0%
1.5%


Similar Part No. - LTC3442_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3442EDE LINEAR-LTC3442EDE Datasheet
326Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
logo
Linear Technology
LTC3442EDE LINER-LTC3442EDE Datasheet
364Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
More results

Similar Description - LTC3442_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3442 LINEAR-LTC3442 Datasheet
326Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
logo
Linear Technology
LTC3442 LINER-LTC3442 Datasheet
364Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com