Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLDB3L1G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3L1G
Description  150mW Bi-directional Trigger Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3L1G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LLDB3L1G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
MARKING
LLDB3
LLDB3TG
PART NO.
LLDB3
LLDB3
Document Number: DS_S1407002
Version: D14
Taiwan Semiconductor
Small Signal Product
G
L1
PACKAGE
L1
G
Mini-MELF
(LL34)
Mini-MELF
(LL34)
PACKING
2.5K / 7" Reel
LLDB3-N0 L1G
L1
G
MANUFACTURE
CODE (Note)
GREEN COMPOUND
CODE
Note: Indicator of manufacturing site for manufacture special control, if empty means no special control requirement
EXAMPLE
2.5K / 7" Reel
LLDB3 L1G
L1
G
Green compound
PREFERRED P/N
LLDB3/ LLDB3TG
Green compound
MANUFACTURE
CODE
N0
ORDERING INFORMATION
PACKING CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION


Similar Part No. - LLDB3L1G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLDB3L1 TSC-LLDB3L1 Datasheet
89Kb / 2P
   150mW Bi-directional Trigger Diode
LLDB3L1 TSC-LLDB3L1 Datasheet
200Kb / 3P
   150mW Bi-directional Trigger Diode
More results

Similar Description - LLDB3L1G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3_10 Datasheet
221Kb / 3P
   150mW Bi-directional Trigger Diode
DB3 TSC-DB3 Datasheet
85Kb / 2P
   150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
   150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
   150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
   150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
   150mW Bi-directional Trigger Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
   150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
TESDE5V0 TSC-TESDE5V0_09 Datasheet
85Kb / 2P
   150mW,Bi-directional ESD Protection Diode
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com