Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3548-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3548-2
Description  Dual Synchronous, Fixed /Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3548-2_15 Datasheet HTML 3Page - Linear Technology LTC3548-2_15 Datasheet HTML 4Page - Linear Technology LTC3548-2_15 Datasheet HTML 5Page - Linear Technology LTC3548-2_15 Datasheet HTML 6Page - Linear Technology LTC3548-2_15 Datasheet HTML 7Page - Linear Technology LTC3548-2_15 Datasheet HTML 8Page - Linear Technology LTC3548-2_15 Datasheet HTML 9Page - Linear Technology LTC3548-2_15 Datasheet HTML 10Page - Linear Technology LTC3548-2_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3548-2
7
35482fb
OPERATION
The LTC3548-2 uses a constant-frequency, current mode
architecture. The operating frequency is set at 2.25MHz
and can be synchronized to an external oscillator. Both
channels share the same clock and run in-phase. To suit a
variety of applications, the selectable MODE pin allows the
user to choose between low noise and high efficiency.
The output voltage for channel 1 is set by an internal divider
returned to the VOUT1 pin. The output voltage for channel 2
is set by an external divider returned to the VFB2 pin. An
error amplifier compares the feedback output voltage with
a reference voltage of 0.6V and adjusts the peak inductor
current accordingly. An undervoltage comparator will
pull the POR output low if the output voltage is not above
–8.5% of the reference voltage. The POR output will go
high after 262,144 clock cycles (about 117ms in pulse-
skipping mode) of achieving regulation.
Main Control Loop
During normal operation, the top power switch (P-channel
MOSFET) is turned on at the beginning of a clock cycle
when the VFB voltage (see the Block Diagram) is below the
the reference voltage. The current into the inductor and
the load increases until the current limit is reached. The
switch turns off and energy stored in the inductor flows
through the bottom switch (N-channel MOSFET) into the
load until the next clock cycle.
The peak inductor current is controlled by the internally
compensated ITH voltage, which is the output of the er-
ror amplifier. This amplifier compares the VFB to the 0.6V
reference. When the load current increases, the VFB volt-
age decreases slightly below the reference. This decrease
causes the error amplifier to increase the ITH voltage until
the average inductor current matches the new load cur-
rent. The main control loop is shut down by pulling the
RUN pin to ground.
Low Current Operation
By selecting MODE/SYNC (Pin 6), two modes are available
to control the operation of the LTC3548-2 at low currents.
Both modes automatically switch from continuous opera-
tion to the selected mode when the load current is low.
To optimize efficiency, the Burst Mode operation can be
selected. When the load is relatively light, the LTC3548-2
automatically switches into Burst Mode operation in which
the PMOS switch operates intermittently based on load
demand with a fixed peak inductor current. By running
cycles periodically, the switching losses which are domi-
nated by the gate charge losses of the power MOSFETs
are minimized. The main control loop is interrupted when
the output voltage reaches the desired regulated value. A
voltage comparator trips when ITH is below 0.35V, shutting
off the switch and reducing the power. The output capaci-
tor and the inductor supply the power to the load until ITH
exceeds 0.65V, turning on the switch and the main control
loop which starts another cycle.
For lower ripple noise at low currents, the pulse-skipping
mode can be used. In this mode, the LTC3548-2 continues
to switch at a constant frequency down to very low cur-
rents, where it will begin skipping pulses. The efficiency in
pulse-skipping mode can be improved slightly by connect-
ing the SW node to the MODE/SYNC input which reduces
the clock frequency by approximately 30%.
Dropout Operation
When the input supply voltage decreases toward the
output voltage, the duty cycle increases to 100% which
is the dropout condition. In dropout, the PMOS switch is
turned on continuously with the output voltage being equal
to the input voltage minus the voltage drops across the
internal P-channel MOSFET and the inductor.
An important design consideration is that the RDS(ON)
of the P-channel switch increases with decreasing input
supply voltage (see Typical Performance Characteristics).
Therefore, the user should calculate the power dissipation
when the LTC3548-2 is used at 100% duty cycle with low
input voltage (see Thermal Considerations in the Applica-
tions Information section).
Low Supply Operation
To prevent unstable operation, the LTC3548-2 incorporates
an undervoltage lockout circuit that shuts down the part
when the input voltage drops below about 1.65V.


Similar Part No. - LTC3548-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-2 LINER-LTC3548-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-2 LINER-LTC3548-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com