Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23CQ-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV23CQ-7-F
Description  SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV23CQ-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV23CQ-7-F Datasheet HTML 1Page - Diodes Incorporated BAV23CQ-7-F Datasheet HTML 2Page - Diodes Incorporated BAV23CQ-7-F Datasheet HTML 3Page - Diodes Incorporated BAV23CQ-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV23A/C/S
Document number: DS30042 Rev. 15 - 2
1 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAV23A/C/S
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automated Insertion
High Reverse Breakdown Voltage
Low Leakage Current
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 1 and 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Polarity: See Diagrams Below
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Qualification
Case
Packaging
BAV23A-7-F
Commercial
SOT23
3,000/Tape & Reel
BAV23A-13-F
Commercial
SOT23
10,000/Tape & Reel
BAV23AQ-7-F
Automotive
SOT23
3,000/Tape & Reel
BAV23AQ-13-F
Automotive
SOT23
10,000/Tape & Reel
BAV23C-7-F
Commercial
SOT23
3,000/Tape & Reel
BAV23C-13-F
Commercial
SOT23
10,000/Tape & Reel
BAV23CQ-7-F
Automotive
SOT23
3,000/Tape & Reel
BAV23CQ-13-F
Automotive
SOT23
10,000/Tape & Reel
BAV23S-7-F
Commercial
SOT23
3,000/Tape & Reel
BAV23S-13-F
Commercial
SOT23
10,000/Tape & Reel
BAV23SQ-13-F
Automotive
SOT23
10,000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Product manufactured with Date Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
P
R
S
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
BAV23A
BAV23C
BAV23S
XXX = Product Type Marking Code
ex. KT7 = BAV23A
KT6 = BAV23C
KL31 = BAV23S
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
XXX


Similar Part No. - BAV23CQ-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23CQ-7-F DIODES-BAV23CQ-7-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23CQ-7-F DIODES-BAV23CQ-7-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23CQ-7-F DIODES-BAV23CQ-7-F Datasheet
373Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
More results

Similar Description - BAV23CQ-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_11 Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD3004A DIODES-MMBD3004A_15 Datasheet
232Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAV23AQ DIODES-BAV23AQ Datasheet
373Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
BAS20DW DIODES-BAS20DW_15 Datasheet
90Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD2004S DIODES-MMBD2004S_15 Datasheet
97Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAS21DWA DIODES-BAS21DWA Datasheet
388Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
January 2018 Rev. 9 - 2
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAV23C-7 DIODES-BAV23C-7 Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD2004SW DIODES-MMBD2004SW_15 Datasheet
156Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com