Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4001 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4001
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001 Datasheet(HTML) 1 Page - Linear Technology

  LTC4001_15 Datasheet HTML 1Page - Linear Technology LTC4001_15 Datasheet HTML 2Page - Linear Technology LTC4001_15 Datasheet HTML 3Page - Linear Technology LTC4001_15 Datasheet HTML 4Page - Linear Technology LTC4001_15 Datasheet HTML 5Page - Linear Technology LTC4001_15 Datasheet HTML 6Page - Linear Technology LTC4001_15 Datasheet HTML 7Page - Linear Technology LTC4001_15 Datasheet HTML 8Page - Linear Technology LTC4001_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC4001
4001f
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
Digital Cameras
Smart Phones
2A Single Cell Li-Ion Battery Charger
2A Synchronous
Buck Li-Ion Charger
Low Power Dissipation
2A Maximum Charge Current
No External MOSFETs, Sense Resistor or Blocking
Diode Required
Remote Sensing at Battery Terminals
Programmable Charge Termination Timer
Preset 4.2V Float Voltage with
±0.5% Accuracy
Programmable Charge Current Detection/Termination
Automatic Recharge
Thermistor Input for Temperature Qualified Charging
Compatible with Current Limited Wall Adapters
Low Profile 16-Lead (4mm
× 4mm) QFN Package
Power Loss vs VBAT
Charging (PWM Mode)
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®4001 is a 2A Li-Ion battery charger intended for
5V wall adapters. It utilizes a 1.5MHz synchronous buck
converter topology to reduce power dissipation during
charging. Low power dissipation, an internal MOSFET and
sense resistor allow a physically small charger that can be
embedded in a wide range of handheld applications. The
LTC4001 includes complete charge termination circuitry,
automatic recharge and a
±1% 4.2V float voltage. Input
short-circuit protection is included so no blocking diode is
required.
Battery charge current, charge timeout and end-of-charge
indication parameters are set with external components.
Additional features include shorted cell detection, tempera-
ture qualified charging and overvoltage protection. The
LTC4001 is available in a low profile (0.75mm) 16-lead
(4mm
× 4mm) QFN package.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
+
PROG
EN
FAULT
NTC
CHRG
PGND
PVIN
VINSENSE
BAT
BATSENS
IDET TIMER
274
0.22
µF
10
µF
4001 TA01a
4.2V
Li-Ion
10
µF
VIN
4.5V TO 5.5V
0.1
µF
SS
SW
SENSE
LTC4001
1.5
µH
GNDSENS
VBAT (V)
3
0.75
1.00
1.25
4
4001 TA01b
0.50
0.25
0
3.25
3.5
3.75
4.25
VIN = 5V
2A CHARGER


Similar Part No. - LTC4001_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com