Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MMBT3904
Description  40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904 Datasheet(HTML) 6 Page - Diodes Incorporated

  MMBT3904_15 Datasheet HTML 1Page - Diodes Incorporated MMBT3904_15 Datasheet HTML 2Page - Diodes Incorporated MMBT3904_15 Datasheet HTML 3Page - Diodes Incorporated MMBT3904_15 Datasheet HTML 4Page - Diodes Incorporated MMBT3904_15 Datasheet HTML 5Page - Diodes Incorporated MMBT3904_15 Datasheet HTML 6Page - Diodes Incorporated MMBT3904_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT3904
Document number: DS30036 Rev. 22- 2
6 of 7
www.diodes.com
March 2015
© Diodes Incorporated
MMBT3904
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
J
K1
K
L1
GAUGE PLANE
0.25
H
L
M
All 7°
A
C
B
D
G
F
a
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
All Dimensions in mm
Dimensions Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
X
E
Y
C
Z


Similar Part No. - MMBT3904_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT3904 KEXIN-MMBT3904_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
MMBT3904 SECOS-MMBT3904_15 Datasheet
1Mb / 6P
   NPN Plastic Encapsulated Transistor
logo
Diotec Semiconductor
MMBT3904 DIOTEC-MMBT3904_15 Datasheet
101Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
logo
Micro Commercial Compon...
MMBT3904 MCC-MMBT3904_15 Datasheet
561Kb / 4P
   NPN General Purpose Amplifier
More results

Similar Description - MMBT3904_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com