Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5221B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5221B
Description  500mW, 5% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5221B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5221B_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5221B_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5221B_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5221B_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5221B_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5221B_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- VZ Tolerance Selection of ±5%
SOD-123F
- Matte Tin(Sn) lead finish
- Case: Flat lead SOD-123 small outline plastic package
- Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
- Polarity: Indicated by cathode band
- Weight : 8.85 ± 0.5mg
VF
V
PD
mW
RθJA
oC/W
TJ
oC
TSTG
oC
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1407007
: Voltage at current IZT
ZENER I vs. V CHARACTERISTICS
0.9
500
Power Dissipation
Thermal Resistance from Junction to Ambient
(Note)
Junction Temperature
330
: Voltage at IZM
MMSZ5221B ~ MMSZ5263B
FEATURES
: Voltage at IZK
Taiwan Semiconductor
Small Signal Product
- Wide zener voltage range selection: 2.4V to 56V
Version: D14
- 65 to + 150
VALUE
UNIT
Storage Temperature
Notes: Valid provided that electrodes are kept at ambient temperature
PARAMETER
150
Forward Voltage
@ IF = 10mA
SYMBOL
- Moisture sensitivity level 1
500mW, 5% Tolerance SMD Zener Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MECHANICAL DATA
- High temperature soldering guaranteed: 260°C/10s
- Surface Mount Device Type


Similar Part No. - MMSZ5221B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5221BT1 ONSEMI-MMSZ5221BT1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
logo
Motorola, Inc
MMSZ5221BT1 MOTOROLA-MMSZ5221BT1 Datasheet
100Kb / 7P
   Surface Mount Silicon Zener Diodes
logo
ON Semiconductor
MMSZ5221BT1 ONSEMI-MMSZ5221BT1 Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5221BT1G ONSEMI-MMSZ5221BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5221BT1G ONSEMI-MMSZ5221BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
More results

Similar Description - MMSZ5221B_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com