Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ2V7 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ2V7
Description  500mW, Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ2V7 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  MTZJ2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd MTZJ2V7 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Min
Max
Min
Max
A
0.30
0.55
0.012
0.022
B
2.16
3.04
0.085
0.120
C
25.40
38.10
1.000
1.500
D
1.27
2.00
0.050
0.079
Document Number: DS_S1311002
Version: C15
Unit(mm)
DIM.
MTZJ2V0A - MTZJ39D
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
Unit(inch)
PACKAGE OUTLINE DIMENSIONS
MTZJ39D R0G
Green compound code
Packing code
Part no.


Similar Part No. - MTZJ2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V7 TSC-MTZJ2V7 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Yea Shin Technology Co....
MTZJ2V7 YEASHIN-MTZJ2V7 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
MTZJ2V7A SEMTECH_ELEC-MTZJ2V7A Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ2V7B SEMTECH_ELEC-MTZJ2V7B Datasheet
261Kb / 4P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ2V7S TSC-MTZJ2V7S Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
More results

Similar Description - MTZJ2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com