Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ20 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ20
Description  500mW, Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ20 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MTZJ20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nom
Min
Max
A
2.6%
10VA
9.36
9.12
9.59
B
2.6%
10VB
9.66
9.41
9.90
C
2.5%
10VC
9.95
9.70
10.20
D
2.5%
10VD
10.19
9.97
10.44
A
2.6%
11VA
10.45
10.18
10.71
B
2.6%
11VB
10.78
10.500
11.05
C
2.5%
11VC
11.10
10.82
11.38
A
2.5%
12VA
11.42
11.13
11.71
B
2.6%
12VB
11.74
11.44
12.03
C
2.6%
12VC
12.05
11.74
12.35
A
2.6%
13VA
12.43
12.11
12.75
B
2.6%
13VB
12.88
12.55
13.21
C
2.6%
13VC
13.33
12.99
13.66
A
2.5%
15VA
13.79
13.44
14.13
B
2.6%
15VB
14.26
13.89
14.62
C
2.5%
15VC
14.72
14.35
15.09
A
2.6%
16VA
15.19
14.80
15.57
B
2.6%
16VB
15.65
15.25
16.04
C
2.5%
16VC
16.10
15.69
16.51
A
2.5%
18VA
16.64
16.22
17.06
B
2.5%
18VB
17.26
16.82
17.70
C
2.6%
18VC
17.88
17.42
18.33
A
2.5%
20VA
18.49
18.02
18.96
B
2.5%
20VB
19.11
18.63
19.59
C
2.5%
20VC
19.73
19.23
20.22
D
2.5%
20VD
20.22
19.72
20.72
A
2.2%
22VA
20.68
20.15
21.2
B
2.5%
22VB
21.18
20.64
21.71
C
2.5%
22VC
21.63
21.08
22.17
D
2.5%
22VD
22.08
21.52
22.63
A
2.5%
24VA
22.62
22.02
23.18
B
2.5%
24VB
23.19
22.61
23.77
C
2.5%
24VC
23.72
23.12
24.31
D
2.5%
24VD
24.24
23.63
24.85
A
2.5%
27VA
24.89
24.26
25.52
B
2.5%
27VB
25.62
24.97
26.26
C
2.5%
27VC
26.29
25.63
26.95
D
2.5%
27VD
26.97
26.29
27.64
A
2.5%
30VA
27.69
26.99
28.39
B
2.5%
30VB
28.42
27.70
29.13
C
2.5%
30VC
29.09
28.36
29.82
D
2.5%
30VD
29.77
29.02
30.51
Document Number: DS_S1311002
Version: C15
Marking
code
0.5
0.2
17
MTZJ24
5
35
200
0.5
0.2
19
MTZJ22
5
12
MTZJ18
5
45
150
0.5
0.2
13
0.5
0.5
15
MTZJ15
5
40
110
0.5
0.2
11
MTZJ20
5
55
200
MTZJ27
5
45
250
30
200
0.5
0.2
21
MTZJ30
5
55
250
0.5
0.2
23
MTZJ16
5
40
150
0.5
0.2
0.5
0.2
10
MTZJ13
5
35
110
0.2
8.0
MTZJ12
5
30
IZT
(mA)
Tolerance
110
0.5
0.2
9.0
5
30
120
0.5
0.2
7.0
0.5
MTZJ10
5
30
120
MTZJ11
MTZJ2V0A - MTZJ39D
Taiwan Semiconductor
Small Signal Product
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR (uA)
Max
Type
Number
VZ @ IZT (Volt)


Similar Part No. - MTZJ20

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ20 ROHM-MTZJ20 Datasheet
102Kb / 2P
   500mW Zenor Mini Diode
logo
Galaxy Semi-Conductor H...
MTZJ20 BILIN-MTZJ20 Datasheet
101Kb / 3P
   ZENER DIODES
logo
SynSemi, Inc.
MTZJ20 SYNSEMI-MTZJ20 Datasheet
35Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ20 TSC-MTZJ20 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
EIC discrete Semiconduc...
MTZJ20 EIC-MTZJ20 Datasheet
64Kb / 2P
   ZENER DIODES
More results

Similar Description - MTZJ20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com