Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5249B Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5249B
Description  500mW, 5% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5249B Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5249B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5249B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5249B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMSZ5249B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMSZ5249B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MMSZ5249B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OUTLINE DIMENSIONS
SOD-123F
Min
Max
Min
Max
A
1.50
1.70
0.059
0.067
B
3.30
3.90
0.130
0.154
C
0.50
0.70
0.020
0.028
D
2.50
2.70
0.098
0.106
E
0.80
1.15
0.031
0.045
F
0.05
0.20
0.002
0.008
SUGGESTED PAD LAYOUT
C
G
X
X1
Y
Document Number: DS_S1407007
4.20
0.165
1.80
0.071
1.34
0.053
Typ.
Typ.
2.86
0.113
1.52
0.060
Small Signal Product
Version: D14
MMSZ5221B ~ MMSZ5263B
DIM.
Taiwan Semiconductor
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)


Similar Part No. - MMSZ5249B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5249B FAIRCHILD-MMSZ5249B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5249B FAIRCHILD-MMSZ5249B Datasheet
48Kb / 3P
   Zeners
logo
TAITRON Components Inco...
MMSZ5249B TAITRON-MMSZ5249B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5249B TSC-MMSZ5249B Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
logo
Pan Jit International I...
MMSZ5249B PANJIT-MMSZ5249B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5249B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com