Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ11 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ11
Description  500mW, Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ11 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  MTZJ11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd MTZJ11 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Min
Max
Min
Max
A
0.30
0.55
0.012
0.022
B
2.16
3.04
0.085
0.120
C
25.40
38.10
1.000
1.500
D
1.27
2.00
0.050
0.079
Document Number: DS_S1311002
Version: C15
Unit(mm)
DIM.
MTZJ2V0A - MTZJ39D
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
Unit(inch)
PACKAGE OUTLINE DIMENSIONS
MTZJ39D R0G
Green compound code
Packing code
Part no.


Similar Part No. - MTZJ11

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ11 ROHM-MTZJ11 Datasheet
102Kb / 2P
   500mW Zenor Mini Diode
logo
Galaxy Semi-Conductor H...
MTZJ11 BILIN-MTZJ11 Datasheet
101Kb / 3P
   ZENER DIODES
logo
SynSemi, Inc.
MTZJ11 SYNSEMI-MTZJ11 Datasheet
35Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ11 TSC-MTZJ11 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
EIC discrete Semiconduc...
MTZJ11 EIC-MTZJ11 Datasheet
64Kb / 2P
   ZENER DIODES
More results

Similar Description - MTZJ11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com