Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR1005G-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PR1005G-T
Description  1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1005G-T Datasheet(HTML) 2 Page - Diodes Incorporated

  PR1005G-T Datasheet HTML 1Page - Diodes Incorporated PR1005G-T Datasheet HTML 2Page - Diodes Incorporated PR1005G-T Datasheet HTML 3Page - Diodes Incorporated PR1005G-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PR1001G - PR1007G
Document number: DS27001 Rev. 11 - 2
2 of 4
www.diodes.com
December 2014
© Diodes Incorporated
PR1001G - PR1007G
Maximum Ratings and Electrical Characteristics @TA = +25°C, unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR1001
G
PR1002
G
PR1003
G
PR1004
G
PR1005
G
PR1006
G
PR1007
G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 7)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 4) @ TA = +55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage Drop @ IF = 1.0A
VFM
1.3
V
Peak Reverse Current @ TA = +25°C
at Rated DC Blocking Voltage (Note 7) @ TA = +100°C
IRM
5.0
50
µA
Reverse Recovery Time (Note 6)
tRR
150
250
500
ns
Typical Total Capacitance (Note 5)
CT
15
8
pF
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 4)
RJA
95
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
4. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
5. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
6. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See Figure 5.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PR1005G-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1005G-T DIODES-PR1005G-T Datasheet
195Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 8 - 2
PR1005G-T DIODES-PR1005G-T Datasheet
84Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - PR1005G-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4933G DIODES-1N4933G Datasheet
62Kb / 2P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
1N4933G DIODES-1N4933G_2 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 7 - 2
PR1001G DIODES-PR1001G Datasheet
62Kb / 2P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. D1-2
PR1007G-T DIODES-PR1007G-T Datasheet
84Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
RL101FG TAITRON-RL101FG Datasheet
184Kb / 5P
   1.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR1001G DIODES-PR1001G_2 Datasheet
84Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 9 - 2
PR1001G DIODES-PR1001G_1 Datasheet
195Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27001 Rev. 8 - 2
1N4933G DIODES-1N4933G_1 Datasheet
88Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27002 Rev. 6 - 2
1N4933G DIODES-1N4933G_15 Datasheet
85Kb / 3P
   1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
MLL4933 TAITRON-MLL4933 Datasheet
200Kb / 3P
   1.0A Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com