Electronic Components Datasheet Search |
|
SMCJ5.0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SMCJ5.0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 7 page CREAT BY ART - Low profile package - Ideal for automated placement - Glass passivated junction - Built-in strain relief - Excellent clamping capability - Typical IR less than 1μA above 10V - Halogen-free according to IEC 61249-2-21 definition Molding compound, UL flammability classification rating 94V-0 Part no. with suffix "H" means AEC-Q101 qualified Packing code with suffix "G" means green compound (halogen-free) Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 2 whisker test SYMBOL UNIT PPK Watts PD Watts TJ °C TSTG °C Note 2: VF=3.5V on SMCJ5.0 - SMCJ90 Devices and VF=5.0V on SMCJ100 - SMCJ170 Devices 1. For Bidirectional Use C or CA Suffix for Types SMCJ5.0 - Types SMCJ170 2. Electrical Characteristics Apply in Both Directions Document Number: DS_D1409035 Version: N15 SMCJ SERIES Taiwan Semiconductor 1500W, 5V - 170V Surface Mount Transient Voltage Suppressor FEATURES - Fast response time: Typically less than 1.0ps from 0 volt to BV min Moisture sensitivity level: level 1, per J-STD-020 - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC DO-214AB (SMC) MECHANICAL DATA Case: DO-214AB (SMC) Polarity: Indicated by cathode band Weight: 0.21 g (approximately) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted) PARAMETER VALUE Peak power dissipation at TA=25°C, Tp=1ms (Note 1) 1500 °C/W Steady state power dissipation 5 Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load IFSM 200 A Maximum instantaneous forward voltage at 100 A for Unidirectional only (Note 2) VF 3.5 / 5.0 Volts Typical thermal resistance RθJC RθJA 10 55 Operating junction temperature range - 55 to +150 Storage temperature range - 55 to +150 Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25°C Per Fig. 2 Devices for Bipolar Applications |
Similar Part No. - SMCJ5.0 |
|
Similar Description - SMCJ5.0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |