Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA56 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA56
Description  400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA56 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  P4SMA56 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA56 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA56 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA56 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA56 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA56 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: DS_D1409030
Version: N15
P4SMA SERIES
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA=25°C unless otherwise noted)
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
FIG.2 PULSE DERATING CURVE
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
8.3ms Single Half Sine Wave
0
20
40
60
80
100
120
140
0
0.511.522.533.5
4
t, TIME ms
FIG. 3 CLAMPING POWER PULSE WAVEFORM
td
Peak Value
IPPM
tr=10μs
Half Value-IPPM/2
10/1000μs, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
10
100
1000
10000
100000
1
10
100
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
VR=0
MEASURED at
STAND-OFF
VOLTAGE,Vwm
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (us)
FIG. 1 PEAK PULSE POWER RATING CURVE
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3


Similar Part No. - P4SMA56

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA56 TSC-P4SMA56 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA56 TSC-P4SMA56 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA56 PANJIT-P4SMA56 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fuji Electric
P4SMA56 FUJI-P4SMA56 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA56 PANJIT-P4SMA56 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - P4SMA56

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com