Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE62A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4KE62A
Description  400W, 6.8V - 440V Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4KE62A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4KE62A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4KE62A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4KE62A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4KE62A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4KE62A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4KE62A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd P4KE62A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
@ VWM
Current
@ IPPM
Coefficient
IT
VWM
ID
IPPM
Vc
of VBR
(V)
(mA)
(V)
(μA)
(A)
(V)
(%/
oC)
Min
Max
(Note 2)
P4KE6.8
6.8
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
P4KE6.8A
6.8
6.46
7.14
10
5.80
1000
40.0
10.5
0.057
P4KE7.5
7.5
6.75
8.25
10
6.05
500
35.0
11.7
0.061
P4KE7.5A
7.5
7.13
7.88
10
6.40
500
37.0
11.3
0.061
P4KE8.2
8.2
7.38
9.02
10
6.63
200
33.0
12.5
0.065
P4KE8.2A
8.2
7.79
8.61
10
7.02
200
34.0
12.1
0.065
P4KE9.1
9.1
8.19
10.00
1
7.37
50
30.0
13.8
0.068
P4KE9.1A
9.1
8.65
9.55
1
7.78
50
31.0
13.4
0.068
P4KE10
10
9.00
11.00
1
8.10
10
28.0
15.0
0.073
P4KE10A
10
9.50
10.5
1
8.55
10
29.0
14.5
0.073
P4KE11
11
9.90
12.1
1
8.92
1
26.0
16.2
0.075
P4KE11A
11
10.5
11.6
1
9.40
1
27.0
15.6
0.075
P4KE12
12
10.8
13.2
1
9.72
1
24.0
17.3
0.078
P4KE12A
12
11.4
12.6
1
10.2
1
25.0
16.7
0.078
P4KE13
13
11.7
14.3
1
10.5
1
22.0
19.0
0.081
P4KE13A
13
12.4
13.7
1
11.1
1
23.0
18.2
0.081
P4KE15
15
13.5
16.5
1
12.1
1
19.0
22.0
0.084
P4KE15A
15
14.3
15.8
1
12.8
1
20.0
21.2
0.084
P4KE16
16
14.4
17.6
1
12.9
1
17.8
23.5
0.086
P4KE16A
16
15.2
16.8
1
13.6
1
18.6
22.5
0.086
P4KE18
18
16.2
19.8
1
14.5
1
16.0
26.5
0.088
P4KE18A
18
17.1
18.9
1
15.3
1
16.5
25.5
0.088
P4KE20
20
18.0
22.0
1
16.2
1
14.0
29.1
0.090
P4KE20A
20
19.0
21.0
1
17.1
1
15.0
27.7
0.090
P4KE22
22
19.8
24.2
1
17.8
1
13.0
31.9
0.092
P4KE22A
22
20.9
23.1
1
18.8
1
13.7
30.6
0.092
P4KE24
24
21.6
26.4
1
19.4
1
12.0
34.7
0.094
P4KE24A
24
22.8
25.2
1
20.5
1
12.6
33.2
0.094
P4KE27
27
24.3
29.7
1
21.8
1
10.7
39.1
0.096
P4KE27A
27
25.7
28.4
1
23.1
1
11.0
37.5
0.096
P4KE30
30
27.0
33.0
1
24.3
1
9.6
43.5
0.097
P4KE30A
30
28.5
31.5
1
25.6
1
10.0
41.4
0.097
P4KE33
33
29.7
36.3
1
26.8
1
8.8
47.7
0.098
P4KE33A
33
31.4
34.7
1
28.2
1
9.0
45.7
0.098
P4KE36
36
32.4
39.6
1
29.1
1
8.0
52.0
0.099
P4KE36A
36
34.2
37.8
1
30.8
1
8.4
49.9
0.099
P4KE39
39
35.1
42.9
1
31.6
1
7.4
56.4
0.100
P4KE39A
39
37.1
41.0
1
33.3
1
7.7
53.9
0.100
P4KE43
43
38.7
47.3
1
34.8
1
6.7
61.9
0.101
P4KE43A
43
40.9
45.2
1
36.8
1
7.0
59.3
0.101
P4KE47
47
42.3
51.7
1
38.1
1
6.2
67.8
0.101
P4KE47A
47
44.7
49.4
1
40.2
1
6.4
64.8
0.101
P4KE51
51
45.9
56.1
1
41.3
1
5.7
73.5
0.102
P4KE51A
51
48.5
53.6
1
43.6
1
6.0
70.1
0.102
P4KE56
56
50.4
61.6
1
45.4
1
5.2
80.5
0.103
P4KE56A
56
53.2
58.8
1
47.8
1
5.4
77.0
0.103
Document Number: DS_D1409029
Version: L15
P4KE SERIES
Taiwan Semiconductor
General
Part
Number
Nominal
Voltage
Breakdown Voltage
(Note 1)
VBR
(V)


Similar Part No. - P4KE62A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE62A PANJIT-P4KE62A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE62A ZOWIE-P4KE62A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
P4KE62A DIOTECH-P4KE62A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE62A DIOTEC-P4KE62A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
P4KE62A NJSEMI-P4KE62A Datasheet
212Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE62A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_15 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com