Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ14 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMAJ14
Description  400W, 5V - 188V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ14 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMAJ14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMAJ14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMAJ14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CREAT BY ART
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Built-in strain relief
- Excellent clamping capability
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
PPK
Watts
PD
Watts
TJ
°C
TSTG
°C
1. For Bidirectional Use C or CA Suffix for Types SMAJ5.0 - Types SMAJ188
2. Electrical Characteristics Apply in Both Directions
PART NO.
Note 1: "xxxx" defines voltage from 5.0V (SMAJ5.0) to 188V (SMAJ188)
Document Number: DS_D1411078
Version: N15
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25°C Per Fig. 2
Devices for Bipolar Applications
Maximum instantaneous forward voltage at 25 A for
Unidirectional only
Operating junction temperature range
- 55 to +150
A
Steady state power dissipation
Storage temperature range
- 55 to +150
VF
3.5
Volts
PARAMETER
Value
Peak power dissipation at TA=25°C, Tp=1ms (Note 1)
400
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
1
DO-214AC (SMA)
MECHANICAL DATA
Case:
DO-214AC (SMA)
Polarity:
Indicated by cathode band
Weight:
0.06 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SMAJ SERIES
Taiwan Semiconductor
400W, 5V - 188V Surface Mount Transient Voltage Suppressor
FEATURES
- Fast response time: Typically less than
1.0ps from 0 volt to BV min
Moisture sensitivity level: level 1, per J-STD-020
- 400 watts peak pulse power capability with a
10 / 1000 μs waveform (300W above 78V)
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
SMAJxxxx
(Note 1)
H
R3
G
SMA
1,800 / 7" Plastic reel
R2
SMA
7,500 / 13" Paper reel
M2
SMA
7,500 / 13" Plastic reel
F3
Folded SMA
1,800 / 7" Plastic reel
F2
Folded SMA
7,500 / 13" Paper reel
F4
Folded SMA
7,500 / 13" Plastic reel
N/A
E3
Clip SMA
1,800 / 7" Plastic reel
E2
Clip SMA
7,500 / 13" Plastic reel


Similar Part No. - SMAJ14

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ14 JGD-SMAJ14 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
SMAJ14 FS-SMAJ14 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ14 SOCAY-SMAJ14 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ14 RFE-SMAJ14 Datasheet
82Kb / 1P
   SURFACE MOUNT Transient Voltage Suppressor
logo
Vishay Siliconix
SMAJ14 VISHAY-SMAJ14 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Similar Description - SMAJ14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com