Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1402C Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1402C
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402C Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1402C Datasheet HTML 4Page - Linear Technology LTC1402C Datasheet HTML 5Page - Linear Technology LTC1402C Datasheet HTML 6Page - Linear Technology LTC1402C Datasheet HTML 7Page - Linear Technology LTC1402C Datasheet HTML 8Page - Linear Technology LTC1402C Datasheet HTML 9Page - Linear Technology LTC1402C Datasheet HTML 10Page - Linear Technology LTC1402C Datasheet HTML 11Page - Linear Technology LTC1402C Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1402
GAIN (Pin 7): Tie to AGND2 to set the reference voltage to
4.096V or tie to VREF to set the reference voltage to 2.048V.
(Note 4)
BIP/UNI (Pin 8): Tie to logic low to set the input range to
unipolar mode or tie to logic high to set the input range to
bipolar mode. (Note 4)
OGND (Pin 9): Output Ground for the Output Driver. This
pin can be tied to the digital ground of the system. All other
ground pins should be tied to the analog ground plane.
DOUT (Pin 10): Three-State Data Output. (Note 3) Each
output data word represents the analog input at the start
of the previous conversion.
OVDD (Pin 11): Output Data Driver Power. Tie to VDD when
driving 5V logic. Tie to 3V when driving 3V logic.
DVDD (Pin 12): Digital Power for Internal Logic. Bypass to
DGND with 10
µF ceramic (or 10µF tantalum in parallel
with 0.1
µF ceramic).
PIN FUNCTIONS
DGND (Pin 13): Digital Ground for Internal Logic. Tie to
solid analog ground plane.
VSS (Pin 14): Negative Supply Voltage. Bypass to solid
analog ground plane with 10
µF ceramic (or 10µF tantalum
in parallel with 0.1
µF ceramic) or tie directly to the solid
analog ground plane for single supply use. Must be set
more negative than either AIN+ or AIN – . Set to 0V or – 5V.
SCK (Pin 15): External Clock. Advances the conversion
process and sequences the output data at DOUT on the
rising edge. Responds to 5V or 3V CMOS and to TTL levels.
(Note 4). One or more pulses wake from Nap or Sleep.
CONV (Pin 16): Holds the input analog signal and starts
the conversion on the rising edge. Responds to 5V or 3V
CMOS and to TTL levels. (Note 4). Two pulses with SCK in
fixed high or fixed low state start Nap Mode. Four pulses
with SCK in fixed high or fixed low state start Sleep mode.
BLOCK DIAGRA
12-BIT CAPACITIVE DAC
COMP
REF AMP
+
2.048V REF
64k
GAIN
CSAMPLE
CSAMPLE
CONTROL LOGIC
SCK
CONV
16
15
INTERNAL
CLOCK
OUTPUT
DRIVER
ZEROING SWITCHES
AVDD
1
12
DVDD
14
8
10
11
9
VSS
BIP/UNI
OVDD
DOUT
OGND
AIN
+
3
4
7
5
6
2
13
AIN
AGND1
AGND2
VREF
DGND
1402 BD
+
SUCCESSIVE APPROXIMATION
REGISTER
64k


Similar Part No. - LTC1402C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402CGN LINER-LTC1402CGN Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
More results

Similar Description - LTC1402C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402 LINER-LTC1402_1 Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402_15 Datasheet
290Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com