Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1402C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1402C
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402C Datasheet(HTML) 5 Page - Linear Technology

  LTC1402C Datasheet HTML 1Page - Linear Technology LTC1402C Datasheet HTML 2Page - Linear Technology LTC1402C Datasheet HTML 3Page - Linear Technology LTC1402C Datasheet HTML 4Page - Linear Technology LTC1402C Datasheet HTML 5Page - Linear Technology LTC1402C Datasheet HTML 6Page - Linear Technology LTC1402C Datasheet HTML 7Page - Linear Technology LTC1402C Datasheet HTML 8Page - Linear Technology LTC1402C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1402
Note 12: The absolute voltage at AIN+ and AIN– must be within this range.
Note 13: If less than 7.3ns is allowed, the output data will appear one
clock cycle later. It is best for CONV to rise half a clock before SCK, when
running the clock at rated speed.
Note 14: Not the same as aperture delay. Aperture delay is smaller (2.6ns)
because the 0.8ns delay through the sample-and-hold is subtracted from
the CONV to Hold mode delay.
Note 15: The rising edge of SCK is guaranteed to catch the data coming
out into a storage latch.
Note 16: The Sample mode is started by the 14th rising clock and it is
ended by the rising edge of convert. Because the start of Sample mode is
ELECTRICAL CHARACTERISTICS
slower than the end of Sample mode, the sample time is 6ns less than the
delay between the 14th SCK and CONV.
Note 17: The internal reference settles in 2ms after it wakes up from Sleep
mode with one or more cycles at SCK and a 10
µF capacitive load. The
Sleep mode resets the REFREADY bit in the DOUT sequence. The
REFREADY bit goes high again 10ms after the VREF has stopped slewing in
wake up. This ensures valid REFREADY bit operation even with higher load
capacitances at VREF.
Note 18: The full power bandwidth is the frequency where the output code
swing drops to 2828LSBs with a 4VP-P input sine wave.
TYPICAL PERFOR A CE CHARACTERISTICS
ENOBs and SINAD
vs Input Frequency (Bipolar)
SNR vs Input Frequency (Bipolar)
ENOBs and SINAD
vs Input Frequency (Unipolar)
SNR vs Input Frequency (Unipolar)
(Bipolar Mode Plots Run with Dual
±5V Supplies.
Unipolar Mode Plots Run with a Single 5V Supply. VDD = 5V, VSS = – 5V for Bipolar, VDD = 5V, VSS = 0V for Unipolar), TA = 25°C.
INPUT FREQUENCY (Hz)
104
105
106
107
4
6
8
1401 G01
2
0
12
10
3
5
7
1
11
9
26
38
50
14
2
74
62
20
32
44
8
68
56
fSAMPLE = 2.22MHz
INPUT FREQUENCY (Hz)
104
105
106
107
–80
–60
–40
1401 G02
–100
–120
0
–20
–90
–70
–50
–110
–10
–30
THD
SFDR
2ND
3RD
fSAMPLE = 2.22MHz
INPUT FREQUENCY (Hz)
104
105
106
107
–50
–38
–26
1401 G03
–62
–74
–2
–14
–56
–44
–32
–68
–8
–20
fSAMPLE = 2.22MHz
INPUT FREQUENCY (Hz)
104
105
106
107
4
6
8
1401 G04
2
0
12
10
3
5
7
1
11
9
26
38
50
14
2
74
62
20
32
44
8
68
56
fSAMPLE = 2.22MHz
INPUT FREQUENCY (Hz)
104
105
106
107
–80
–60
–40
1401 G05
–100
–120
0
–20
–90
–70
–50
–110
–10
–30
THD
SFDR
2ND
3RD
fSAMPLE = 2.22MHz
INPUT FREQUENCY (Hz)
104
105
106
107
–50
–38
–26
1401 G06
–62
–74
–2
–14
–56
–44
–32
–68
–8
–20
fSAMPLE = 2.22MHz
5 Harmonic THD, 2nd, 3rd and
SFDR vs Input Frequency
(Bipolar)
5 Harmonic THD, 2nd, 3rd and
SFDR vs Input Frequency
(Unipolar)


Similar Part No. - LTC1402C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402CGN LINER-LTC1402CGN Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
More results

Similar Description - LTC1402C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402 LINER-LTC1402_1 Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402_15 Datasheet
290Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com