Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P068GB-3B4 Datasheet(PDF) 1 Page - NEC

Part # UPD75P068GB-3B4
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P068GB-3B4 Datasheet(HTML) 1 Page - NEC

  UPD75P068GB-3B4 Datasheet HTML 1Page - NEC UPD75P068GB-3B4 Datasheet HTML 2Page - NEC UPD75P068GB-3B4 Datasheet HTML 3Page - NEC UPD75P068GB-3B4 Datasheet HTML 4Page - NEC UPD75P068GB-3B4 Datasheet HTML 5Page - NEC UPD75P068GB-3B4 Datasheet HTML 6Page - NEC UPD75P068GB-3B4 Datasheet HTML 7Page - NEC UPD75P068GB-3B4 Datasheet HTML 8Page - NEC UPD75P068GB-3B4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
The
µPD75P068 is produced by replacing the internal mask ROM of the µPD75068 with a one-time PROM
in which data can be written once.
The following user's manual describes the details of the functions of the
µPD75P068. Be sure to read it
before designing an application system.
µPD75068 User's Manual: IEU-1366
FEATURES
Compatible with the
µPD75068
Can be replaced with the
µPD75068 containing mask ROM on a full-production basis.
Internal one-time PROM: 8064 words
× 8 bits
Internal RAM: 512 words
× 4 bits
Internal pull-up resistors can be specified with software: Ports 0 to 3 and 6
N-ch open-drain input-output: Ports 4 and 5
Can operate at low voltage: VDD = 2.7 to 6.0 V
ORDERING INFORMATION
Part number
Package
Quality grade
µPD75P068CU
42-pin plastic shrink DIP (600 mil)
Standard
µPD75P068GB-3B4
44-pin plastic QFP (Square 10 mm)
Standard
Caution The
µPD75P068 is not provided with mask-selected pull-up resistors.
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document number IEI-1209) published by NEC
Corporation to know the specification of quality grade on the devices and its recommended applications.
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75P068
Document No. IC-3290A
(O.D. No. IC-8623A
Date Published April 1994 P
Printed in Japan
4 BIT SINGLE-CHIP MICROCOMPUTER
©
1990
The information in this document is subject to change without notice.
Major changes in this revision are indicated by stars (5) in the margins.
NEC CORPORATION 1993


Similar Part No. - UPD75P068GB-3B4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P068GB-3B4 RENESAS-UPD75P068GB-3B4 Datasheet
546Kb / 42P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD75P068GB-3B4

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com