Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P116 Datasheet(PDF) 8 Page - NEC

Part # UPD75P116
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P116 Datasheet(HTML) 8 Page - NEC

Back Button UPD75P116 Datasheet HTML 4Page - NEC UPD75P116 Datasheet HTML 5Page - NEC UPD75P116 Datasheet HTML 6Page - NEC UPD75P116 Datasheet HTML 7Page - NEC UPD75P116 Datasheet HTML 8Page - NEC UPD75P116 Datasheet HTML 9Page - NEC UPD75P116 Datasheet HTML 10Page - NEC UPD75P116 Datasheet HTML 11Page - NEC UPD75P116 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
µPD75P116
1.2
OTHER PINS
Dual-
Function Pin
P20
P21
P01
P02
P03
P00
P10
P11
P12
P13
P22
P30 to P33
I/O Circuit
Type *1
N
B
E
F
E
B
B
B
B
E
B
E
Pin Name
PTH00 to PTH03
TI0
TI1
PTO0
PTO1
SCK
SO
SI
INT4
INT0
INT1
INT2
INT3
PCL
X1, X2
RESET
MD0 to MD3
VDD
VSS
VPP *2
Input/Output
Input
Input
Input/output
Input/output
Input/output
Input
Input
Input
Input
Input/output
Input
Input/output
Function
Variable threshold voltage 4-bit analog input port.
External event pulse input to timer/event counter.
Or edge detection vectored interrupt input pin, or 1-bit input
is also possible.
Timer/event counter output pin.
Serial clock input/output pin.
Serial data output pin.
Serial data input pin.
Edge detection vector interrupt input pin (detection of both
rising and falling edges).
Edge detection vector interrupt input pin (detection edge
selectable).
Edge detection testable input pin (rising edge detection)
Clock output pin
System clock oscillation crystal/ceramic connection pin.
When an external clock is used, the clock is input to X1 and
the inverted clock is input to X2.
System reset input pin (low-level active).
Mode selection pin for program memory (PROM) write/
verify.
Positive power supply pin. Applies +6 V for write/verify.
GND potential pin.
Program voltage impression pin for program memory (PROM)
write/verify.
Connected to VDD directly in normal operation.
Applies +12.5 V for PROM write/verify.
After Reset
Input
Input
Input
Input
Input
Input
*1.
indicates Schmitt-triggered input.
2.
The device will not operate correctly unless VPP is connected to VDD directly in normal use.


Similar Part No. - UPD75P116

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P116 RENESAS-UPD75P116 Datasheet
433Kb / 34P
   MOS INTEGRATED CIRCUIT
1994
UPD75P116CW RENESAS-UPD75P116CW Datasheet
433Kb / 34P
   MOS INTEGRATED CIRCUIT
1994
UPD75P116GF-3BE RENESAS-UPD75P116GF-3BE Datasheet
433Kb / 34P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD75P116

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com