Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ18A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ18A
Description  1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ18A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMCJ18A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ18A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ18A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ18A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ18A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ18A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ18A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Current
Voltage
Reverse Leakage
IT
VWM
@ VWM
Min
Max
(mA)
(V)
ID (μA) (Note3)
SMCJ5.0
GDD
6.4
7.3
10
5
1000
164
9.6
SMCJ5.0A
GDE
6.4
7
10
5
1000
171
9.2
SMCJ6.0
GDF
6.67
8.15
10
6
1000
138
11.4
SMCJ6.0A
GDG
6.67
7.37
10
6
1000
152
10.3
SMCJ6.5
GDH
7.22
8.82
10
6.5
500
128
12.3
SMCJ6.5A
GDK
7.22
7.98
10
6.5
500
140
11.2
SMCJ7.0
GDL
7.78
9.51
10
7
200
118
13.3
SMCJ7.0A
GDM
7.78
8.6
10
7
200
131
12.0
SMCJ7.5
GDN
8.33
10.30
1
7.5
100
110
14.3
SMCJ7.5A
GDP
8.33
9.21
1
7.5
100
122
12.9
SMCJ8.0
GDQ
8.89
10.9
1
8
50
105
15.0
SMCJ8.0A
GDR
8.89
9.83
1
8
50
115
13.6
SMCJ8.5
GDS
9.44
11.5
1
8.5
20
99
15.9
SMCJ8.5A
GDT
9.44
10.4
1
8.5
20
109
14.4
SMCJ9.0
GDU
10
12.2
1
9
10
93
16.9
SMCJ9.0A
GDV
10
11.1
1
9
10
102
15.4
SMCJ10
GDW
11.1
13.6
1
10
5
83
18.8
SMCJ10A
GDX
11.1
12.3
1
10
5
92
17.0
SMCJ11
GDY
12.2
14.9
1
11
1
78
20.1
SMCJ11A
GDZ
12.2
13.5
1
11
1
86
18.2
SMCJ12
GED
13.3
16.3
1
12
1
71
22.0
SMCJ12A
GEE
13.3
14.7
1
12
1
79
19.9
SMCJ13
GEF
14.4
17.6
1
13
1
66
23.8
SMCJ13A
GEG
14.4
15.9
1
13
1
73
21.5
SMCJ14
GEH
15.6
19.1
1
14
1
61
25.8
SMCJ14A
GEK
15.6
17.2
1
14
1
67
23.2
SMCJ15
GEL
16.7
20.4
1
15
1
58
26.9
SMCJ15A
GEM
16.7
18.5
1
15
1
64
24.4
SMCJ16
GEN
17.8
21.8
1
16
1
54
28.8
SMCJ16A
GEP
17.8
19.7
1
16
1
60
26.0
SMCJ17
GEQ
18.9
23.1
1
17
1
51
30.5
SMCJ17A
GER
18.9
20.9
1
17
1
57
27.6
SMCJ18
GES
20
24.4
1
18
1
48
32.2
SMCJ18A
GET
20
22.1
1
18
1
53
29.2
SMCJ20
GEU
22.2
27.1
1
20
1
43
35.8
SMCJ20A
GEV
22.2
24.5
1
20
1
48
32.4
SMCJ22
GEW
24.4
29.8
1
22
1
39
39.4
SMCJ22A
GEX
24.4
26.9
1
22
1
44
35.5
SMCJ24
GEY
26.7
32.6
1
24
1
36
43.0
SMCJ24A
GEZ
26.7
29.5
1
24
1
40
38.9
SMCJ26
GFD
28.9
35.3
1
26
1
33
46.6
SMCJ26A
GFE
28.9
31.9
1
26
1
37
42.1
SMCJ28
GFF
31.1
38
1
28
1
31
50.0
SMCJ28A
GFG
31.1
34.4
1
28
1
34
45.4
SMCJ30
GFH
33.3
40.7
1
30
1
29
53.5
SMCJ30A
GFK
33.3
36.8
1
30
1
32
48.4
SMCJ33
GFL
36.7
44.9
1
33
1
26
59.0
SMCJ33A
GFM
36.7
40.6
1
33
1
29
53.3
SMCJ36
GFN
40
48.9
1
36
1
24
64.3
SMCJ36A
GFP
40
44.2
1
36
1
27
58.1
Document Number: DS_D1409035
Version: N15
SMCJ SERIES
Taiwan Semiconductor
Device
Device
Marking
Code
Breakdown Voltage
Maximum
Peak Surge
Current
IPPM
(A) (Note2)
Maximum
Clamping
Voltage at IPPM
Vc (V)
(Note5)
VBR (V)
at IT


Similar Part No. - SMCJ18A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ18A TSC-SMCJ18A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMCJ18A LEIDITECH-SMCJ18A Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
Dc Components
SMCJ18A DCCOM-SMCJ18A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ18A JUXING-SMCJ18A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMCJ18A VISHAY-SMCJ18A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ18A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
   600W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com