Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ30 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ30
Description  1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ30 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SMCJ30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ30 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ30 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Current
Voltage
Reverse Leakage
IT
VWM
@ VWM
Min
Max
(mA)
(V)
ID (μA) (Note3)
SMCJ40
GFQ
44.4
54.3
1
40
1
22
71.4
SMCJ40A
GFR
44.4
49.1
1
40
1
24
64.5
SMCJ43
GFS
47.8
58.4
1
43
1
20
76.7
SMCJ43A
GFT
47.8
52.8
1
43
1
22
69.4
SMCJ45
GFU
50
61.1
1
45
1
19
80.3
SMCJ45A
GFV
50
55.3
1
45
1
21
72.7
SMCJ48
GFW
53.3
65.1
1
48
1
18
85.5
SMCJ48A
GFX
53.3
58.9
1
48
1
20
77.4
SMCJ51
GFY
56.7
69.3
1
51
1
17
91.1
SMCJ51A
GFZ
56.7
62.7
1
51
1
19
82.4
SMCJ54
GGD
60
73.3
1
54
1
16
96.3
SMCJ54A
GGE
60
66.3
1
54
1
18
87.1
SMCJ58
GGF
64.4
78.7
1
58
1
15
103
SMCJ58A
GGG
64.4
71.2
1
58
1
16
93.6
SMCJ60
GGH
66.7
81.5
1
60
1
14
107
SMCJ60A
GGK
66.7
73.7
1
60
1
16
96.8
SMCJ64
GGL
71.1
86.9
1
64
1
13.8
114
SMCJ64A
GGM
71.1
78.6
1
64
1
15
103
SMCJ70
GGN
77.8
95.1
1
70
1
12.6
125
SMCJ70A
GGP
77.8
86
1
70
1
13.9
113
SMCJ75
GGQ
83.3
102
1
75
1
11.7
134
SMCJ75A
GGR
83.3
92.1
1
75
1
13
121
SMCJ78
GGS
86.7
106
1
78
1
11.3
139
SMCJ78A
GGT
86.7
95.8
1
78
1
12.5
126
SMCJ85
GGU
94.4
115
1
85
1
10.4
151
SMCJ85A
GGV
94.4
104
1
85
1
11.5
137
SMCJ90
GGW
100
122
1
90
1
9.8
160
SMCJ90A
GGX
100
111
1
90
1
10.7
146
SMCJ100
GGY
111
136
1
100
1
8.8
179
SMCJ100A
GGZ
111
123
1
100
1
9.7
162
SMCJ110
GHD
122
149
1
110
1
8
196
SMCJ110A
GHE
122
135
1
110
1
8.9
177
SMCJ120
GHF
133
163
1
120
1
7.3
214
SMCJ120A
GHG
133
147
1
120
1
8.1
193
SMCJ130
GHH
144
176
1
130
1
6.8
231
SMCJ130A
GHK
144
159
1
130
1
7.5
209
SMCJ150
GHL
167
204
1
150
1
5.8
266
SMCJ150A
GHM
167
185
1
150
1
6.4
243
SMCJ160
GHN
178
218
1
160
1
5.4
287
SMCJ160A
GHP
178
197
1
160
1
6
259
SMCJ170
GHQ
189
231
1
170
1
5.1
304
SMCJ170A
GHR
189
209
1
170
1
5.7
275
Notes:
1. VBR measure after IT applied for 300μs, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and less, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Document Number: DS_D1409035
Version: N15
SMCJ SERIES
Taiwan Semiconductor
Maximum
Clamping
Voltage at IPPM
Vc (V)
(Note5)
Maximum
Peak Surge
Current
IPPM
(A) (Note2)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
at IT


Similar Part No. - SMCJ30

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ30 DCCOM-SMCJ30 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMCJ30 CYSTEKEC-SMCJ30 Datasheet
322Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMCJ30 YANGJIE-SMCJ30 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ30 ANOVA-SMCJ30 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
SMCJ30 TSC-SMCJ30 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
   600W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com