Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1391IS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1391IS
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391IS Datasheet(HTML) 9 Page - Linear Technology

  LTC1391IS Datasheet HTML 1Page - Linear Technology LTC1391IS Datasheet HTML 2Page - Linear Technology LTC1391IS Datasheet HTML 3Page - Linear Technology LTC1391IS Datasheet HTML 4Page - Linear Technology LTC1391IS Datasheet HTML 5Page - Linear Technology LTC1391IS Datasheet HTML 6Page - Linear Technology LTC1391IS Datasheet HTML 7Page - Linear Technology LTC1391IS Datasheet HTML 8Page - Linear Technology LTC1391IS Datasheet HTML 9Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
LTC1391
PART NUMBER
DESCRIPTION
COMMENTS
LTC1285
3V 12-Bit ADC
Micropower, Auto Shutdown, SO-8 Package, SPI, QSPI + MICROWIRE
TM Compatible
LTC1286
5V 12-Bit ADC
Micropower, Auto Shutdown, SO-8 Package, SPI, QSPI + MICROWIRE Compatible
LTC1390
Serial-Controlled 8-to-1 Analog Multiplexer
Low RON, Bidirectional Serial Interface, Low Power, 16-Pin SO
LTC1451
5V 12-Bit DAC
Complete VOUT DAC, SO-8 Package, Daisy-Chainable, Low Power
LTC1452
5V and 3V 12-Bit DAC
Multiplying VOUT DAC, SO-8 Package, Rail-to-Rail Output, Low Power
LTC1453
3V 12-Bit DAC
Complete VOUT DAC, SO-8 Package, Daisy-Chainable, Low Power
MICROWIRE is a trademark of National Semiconductor.
TYPICAL APPLICATION
RELATED PARTS
Interfacing LTC1391 with LTC1257 for Demultiplex Operation
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
LTC1391
1
2
3
4
8
7
6
5
VCC
VOUT
VREF
GND
CLK
DIN
LOAD
DOUT
LTC1257
5V
≤ V+ ≤ 12V
0.1
µF
0.1
µF
OPTIONAL D/A
OUTPUT FILTER
47k
DATA
1391 TA03
CS
CLK
ANALOG
OUTPUTS
TTL COMPATIBLE
AT V+ = 5V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
1391f, sn1391 LT/GP 0896 7K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1995
9


Similar Part No. - LTC1391IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1391IS LINER-LTC1391IS Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
More results

Similar Description - LTC1391IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com