Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1416CG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1416CG
Description  Low Power 14-Bit, 400ksps Sampling ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1416CG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1416CG Datasheet HTML 4Page - Linear Technology LTC1416CG Datasheet HTML 5Page - Linear Technology LTC1416CG Datasheet HTML 6Page - Linear Technology LTC1416CG Datasheet HTML 7Page - Linear Technology LTC1416CG Datasheet HTML 8Page - Linear Technology LTC1416CG Datasheet HTML 9Page - Linear Technology LTC1416CG Datasheet HTML 10Page - Linear Technology LTC1416CG Datasheet HTML 11Page - Linear Technology LTC1416CG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1416
APPLICATIONS INFORMATION
Figure 3. Effective Bits and Signal/(Noise + Distortion)
vs Input Frequency
DYNAMIC PERFORMANCE
The LTC1416 has excellent high speed sampling capabil-
ity. FFT (Fast Fourier Transform) test techniques are used
to test the ADC’s frequency response, distortion and noise
at the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using an FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental. Figure 2 shows a
typical LTC1416 FFT plot.
Signal-to-Noise Ratio
The Signal-to-Noise plus Distortion Ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 2a shows a typical spectral content with
a 400kHz sampling rate and a 100kHz input. The dynamic
performance is excellent for input frequencies up to and
beyond the Nyquist limit of 200kHz, Figure 2b.
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
ENOB = [S/(N + D) – 1.76]/6.02
where ENOB is the Effective Number of Bits of resolution
and S/(N + D) is expressed in dB. At the maximum
sampling rate of 400kHz the LTC1416 maintains near ideal
ENOBs up to the Nyquist input frequency of 200kHz (refer
to Figure 3).
FREQUENCY (kHz)
0
150
1416 F02a
50
100
200
0
–20
–40
–60
–80
–100
–120
–140
25
75
125
175
fSAMPLE = 400kHz
fIN = 101.5625kHz
SFDR = 95.2dB
SINAD = 80.5dB
FREQUENCY (kHz)
0
150
1416 F02b
50
100
200
0
–20
–40
–60
–80
–100
–120
–140
25
75
125
175
fSAMPLE = 400kHz
fIN = 189.9414kHz
SFDR = 94.8dB
SINAD = 80.2dB
INPUT FREQUENCY (Hz)
1k
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
86
80
74
68
62
10k
100k
1416 TA02
1M 2M
fSAMPLE = 400kHz
NYQUIST
FREQUENCY
Figure 2a. LTC1416 Nonaveraged, 4096 Point FFT,
Input Frequency = 100kHz
Figure 2b. LTC1416 Nonaveraged, 4096 Point FFT,
Input Frequency = 190kHz


Similar Part No. - LTC1416CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1416 LINER-LTC1416_15 Datasheet
335Kb / 20P
   Low Power 14-Bit, 400ksps Sampling ADC
More results

Similar Description - LTC1416CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1416 LINER-LTC1416_15 Datasheet
335Kb / 20P
   Low Power 14-Bit, 400ksps Sampling ADC
LTC1417 LINER-LTC1417 Datasheet
394Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1740 LINER-LTC1740_15 Datasheet
940Kb / 16P
   14-Bit, 6Msps, Sampling ADC
LTC1740 LINER-LTC1740 Datasheet
934Kb / 16P
   14-Bit, 6Msps, Sampling ADC
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Analog Devices
AD679 AD-AD679_15 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679JNZ AD-AD679JNZ Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com